Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1657 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 27Page - STMicroelectronics UM1657 Datasheet HTML 28Page - STMicroelectronics UM1657 Datasheet HTML 29Page - STMicroelectronics UM1657 Datasheet HTML 30Page - STMicroelectronics UM1657 Datasheet HTML 31Page - STMicroelectronics UM1657 Datasheet HTML 32Page - STMicroelectronics UM1657 Datasheet HTML 33Page - STMicroelectronics UM1657 Datasheet HTML 34Page - STMicroelectronics UM1657 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DocID025094 Rev 1
31/48
UM1657
SPIRIT1 DK - GUI description
48
1.
Select the desired radio setting and then pressed the "Configure radio" button
2.
Pressing the "TX PN9 START" button.
This RF test makes SPIRIT1 DK - DB transmits a PN9 data stream modulated according the
radio setting.
The user can measure the output signal at the suitable SMA connector or the TX state
current consumption.
The SPIRIT1 DK - DB stays in state TX until the "TX PN9 STOP" button is pressed.
When the user wants to change the frequency or output power or modulation scheme, the
running test must be stopped first and then repeat steps 1 and 2 selecting the desired
frequency or output power or modulation scheme during step 1.
3.2.7
Packet setting
Selecting the "Panel setting" view, several number of packet configurations are available to
the user.
First of all, the desired packet format has to be selected by pressing one of the radio buttons
in the "Packet format" panel. The user can choose:
BASIC
MBUS
Each packet format gives different packet setting options.
Figure 20. Packet setting panel (Basic packet view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com