Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4653 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4653 Datasheet HTML 2Page - STMicroelectronics AN4653 Datasheet HTML 3Page - STMicroelectronics AN4653 Datasheet HTML 4Page - STMicroelectronics AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics AN4653 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Cycling endurance
AN4653
6/13
DocID027438 Rev 1
Figure 1. Safe cycling operating conditions (per byte) vs. temperature(1)
1. For temperatures lower than 25°C, the safe operating conditions are considered as 4 million cycles (the
real limit is actually higher)
For a robust application design, the safe cycling operating area shown in Figure 1 has to be
considered as a maximum cycling value for each byte of the memory, going above this safe
operating area is not recommended.
Note:
The cycling limits measured on the CMOS F8H process devices are much more above the
safe conditions offered on Figure 1.
1.2.2
Cycling qualification method
The CMOS F8H process devices qualification procedure identifies the cell cycling intrinsic(a)
performance over the full temperature range. During the qualification phase, the parts are
cycled and then read in order to locate eventual failing bit.
In STMicroelectronics, the CMOS F8H process EEPROM intrinsic failure criterion is defined
as 1 failing cell (or less) over 10 million cells.
1.2.3
Overall number of write cycles
When evaluating the cycling performances of an application, it must be stressed out that the
number of cycles can be defined either for each memory cell or for the overall number of
cycles decoded by the whole memory:
–
the max cycling value defined in the datasheet is the max number of cycles for
each byte;
–
the overall number of cycles is the number of cycles correctly decoded and
executed by the device, spread over all addressed locations in the memory.
The characterization trials performed on high density CMOS F8H process products have
demonstrated that the overall number of write cycles can reach 1 Billion without failure, at
25°C (test performed on M95M01, 1Mbit device).
a. intrinsic = belonging to the essential nature or constitution of the EEPROM die (extrinsic = originating from
random event)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com