Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4653 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics AN4653 Datasheet HTML 10Page - STMicroelectronics AN4653 Datasheet HTML 11Page - STMicroelectronics AN4653 Datasheet HTML 12Page - STMicroelectronics AN4653 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID027438 Rev 1
11/13
AN4653
Data retention
12
Example
An EEPROM is used in an application with a temperature profile defined as:
–
10 years at 85°C, that is 20% of the max data retention time at 85°C;
–
20 years at 55°C, that is 10% of the max data retention time at 55°C.
The data will be safe for 30 years, with only 30% of data retention capability (10 years + 20
years is 30 years, with 20% + 10% = 30% of data retention capability): this simple example
demonstrates the excellent data retention capability of the CMOS F8H process EEPROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com