Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4653 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4653 Datasheet HTML 1Page - STMicroelectronics AN4653 Datasheet HTML 2Page - STMicroelectronics AN4653 Datasheet HTML 3Page - STMicroelectronics AN4653 Datasheet HTML 4Page - STMicroelectronics AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2015
DocID027438 Rev 1
1/13
1
AN4653
Application note
Cycling endurance and data retention of high density EEPROM
based on CMOS F8H process
Introduction
Electronic applications, based on several single electronic products (integrated circuits) are
looking for a global high level of reliability and robustness, each single electronic product
must therefore offer a very high level of quality.
To fulfill these requirements STMicroelectronics developed a new family of EEPROM based
on a new improved architecture and produced with the CMOS F8H process.
This application note details the improved cycling and data retention performances of the
high density (more than 256 Kbit) EEPROM industrial range 6 (temperature range -40°C to
+85°C) products, listed in Table 1.
Table 1. Applicable products
Type
Serial interface
Root Part Numbers
Standard
Serial
EEPROM
I2C bus
M24256-BF, M24256-BR, M24256-BW, M24256-DF, M24256-DR
M24512-DF, M24512-R, M24512-W
M24M01-DF, M24M01-R
M24M02-DR
SPI bus
M95256-DF, M95256-R, M95256-W
M95512-DF, M95512-R, M95512-W
M95M01-DF, M95M01-R
M95M02-DR
www.st.com


Similar Part No. - AN4653

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4650 STMICROELECTRONICS-AN4650 Datasheet
1Mb / 102P
This document is intended to provide usage information
13-Feb-2015
AN4651 STMICROELECTRONICS-AN4651 Datasheet
385Kb / 34P
STM32F3 series peripheral interconnect matrix
20-Mar-2015
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
Migrating between STM32L1 and STM32L0 series microcontrollers
29-Apr-2015
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
Virtually increasing the number of serial communication peripherals in STM32 applications
05-Mar-2015
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
More results

Similar Description - AN4653

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305 STMICROELECTRONICS-ST1305 Datasheet
39Kb / 2P
High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control
AN671 STMICROELECTRONICS-AN671 Datasheet
26Kb / 4P
Prevention of Data Corruption in ST6 On-Chip EEPROM
logo
ams AG
AS1506 AMSCO-AS1506 Datasheet
88Kb / 2P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Altera Corporation
EPM7192SQC160-15 ALTERA-EPM7192SQC160-15 Datasheet
1Mb / 66P
High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
logo
STMicroelectronics
AN4434 STMICROELECTRONICS-AN4434 Datasheet
349Kb / 17P
CMOS F8H automotive EEPROM cycling endurance and data retention
05-Mar-2015
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
STMicroelectronics
STEVAL-IPR002V2 STMICROELECTRONICS-STEVAL-IPR002V2 Datasheet
268Kb / 4P
Data logger & event logger evaluation system based on the M24LR64E-R EEPROM
12-Mar-2014
logo
Schneider Electric
IMV30 SCHNEIDER-IMV30 Datasheet
106Kb / 2P
Calculates process fluid density by measuirng process pressure and temperature
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com