Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4654 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 2Page - STMicroelectronics AN4654 Datasheet HTML 3Page - STMicroelectronics AN4654 Datasheet HTML 4Page - STMicroelectronics AN4654 Datasheet HTML 5Page - STMicroelectronics AN4654 Datasheet HTML 6Page - STMicroelectronics AN4654 Datasheet HTML 7Page - STMicroelectronics AN4654 Datasheet HTML 8Page - STMicroelectronics AN4654 Datasheet HTML 9Page - STMicroelectronics AN4654 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Hardware migration from the STM32L1 series to the STM32L0 series
AN4654
6/32
DocID027444 Rev 1
PA2
12
16
F3
25
K3
12
16
F3
25
K3
PA3
13
17
G3
26
L3
13
17
G3
26
L3
VSS_4
-
18C227
E3
-
18
C2
27
E3
VDD_4
-
19D228
H3
-
19
D2
28
H3
PA4
14
20
H3
29
M3
14
20
H3
29
M3
PA5
15
21
F4
30
K4
15
21
F4
30
K4
PA6
16
22
G4
31
L4
16
22
G4
31
L4
PA7
17
23
H4
32
M4
17
23
H4
32
M4
PC4
-
24H533
K5
-
24
H5
33
K5
PC5
-
25
H6
34
L5
-
25
H6
34
L5
PB0
18
26
F5
35
M5
18
26
F5
35
M5
PB1
19
27
G5
36
M6
19
27
G5
36
M6
PB2
20
28
G6
37
L6
20
28
G6
37
L6
PE7
--
-
38
M7
-
-
-
38
M7
PE8
-
-
-
39
L7
-
-
-
39
L7
PE9
--
-
40
M8
-
-
-
40
M8
PE10
-
-
-
41
L8
-
-
-
41
L8
PE11
--
-
42
M9
-
-
-
42
M9
PE12
-
-
-
43
L9
-
-
-
43
L9
PE13
--
-
44
M10
--
-
44
M10
PE14
--
-
45
M11
--
-
45
M11
PE15
--
-
46
M12
--
-
46
M12
PB10
21
29
G7
47
L10
21
29
G7
47
L10
PB11
22
30
H7
48
L11
22
30
H7
48
L11
VSS_1
23
31
D6
49
F12
23
31
D6
49
F12
VDD_1
24
32
E5
50
G12
24
32
E5
50
G12
PB12
25
33
H8
51
L12
25
33
H8
51
L12
PB13
26
34
G8
52
K12
26
34
G8
52
K12
PB14
27
35
F8
53
K11
27
35
F8
53
K11
PB15
28
36
F7
54
K10
28
36
F7
54
K10
PD8
--
-
55
K9
-
-
-
55
K9
Table 2. STM32L1xx and STM32L0xx pinout summary (continued)
Pin name
STM32L1
STM32L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com