Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4654 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 9Page - STMicroelectronics AN4654 Datasheet HTML 10Page - STMicroelectronics AN4654 Datasheet HTML 11Page - STMicroelectronics AN4654 Datasheet HTML 12Page - STMicroelectronics AN4654 Datasheet HTML 13Page - STMicroelectronics AN4654 Datasheet HTML 14Page - STMicroelectronics AN4654 Datasheet HTML 15Page - STMicroelectronics AN4654 Datasheet HTML 16Page - STMicroelectronics AN4654 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID027444 Rev 1
13/32
AN4654
Peripheral migration
31
3.2
System architecture
The STM32L0xx MCU family has been designed to target an entry-level market, with low-
power capabilities and easy handling. In order to fulfill this aim while keeping the advanced
high-end features proper to the STM32, the core has been changed for a ARM® Cortex®-
M0+. Its small silicon area, coupled to a minimal code footprint, allows for low-cost
applications with 32-bit performance. Figure 1 shows the correspondence between the
Cortex®-M4 and Cortex®-M0+ sets of instructions. Moving from STM32L1 to STM32L0
series requires a recompilation of the code to avoid the use of unavailable features.
Figure 1. System architecture
Important modifications have been performed on the MCU organization too, starting by
switching from a Harvard to Von Neumann architecture, decreasing the system complexity,
or focusing on SW Debug in order to simplify this precise feature.
3.3
Memory mapping
The peripheral address mapping has been changed in the STM32L0 series. The main
change concerns the GPIOs which have been moved from the AHB bus to the IOPORT bus
to allow them to operate at the maximum speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com