| Electronic Components Datasheet Search |
|
AN4654 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4654 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 32 page ![]() April 2015 DocID027444 Rev 1 1/32 1 AN4654 Application note Migrating between STM32L1 and STM32L0 series microcontrollers Introduction For designers of STM32 applications, it is important to be able to easily replace one microcontroller with another within the same product family. One key advantage of STM32 MCUs is their simplified porting thanks to a strong focus on compatibility across the portfolio. Migrating an application to a different microcontroller is often needed to fulfill higher product requirements, more demanding on memory size or with increased number of I/Os. Cost reduction is another reason for change to smaller components and shrunk PCB area. Table 1 lists the products addressed by this application note, prepared to help users during the analysis of the steps required to migrate from a STM32L1 microcontroller to one of the STM32L0 series. It gathers the most important information and lists the mandatory aspects that users need to address. To migrate an application from STM32L1 series to STM32L0 series, users have to analyze the hardware migration first, then the peripheral migration and finally the firmware migration. To fully benefit from the information included in this application note, users should be familiar with STM32 microcontrollers, and refer to the following documents available from www.st.com: • STM32L1xx reference manual (RM0038) and product datasheets • STM32L0xx reference manual (RM0367) and product datasheets. For an overview of all the STM32 microcontrollers and for a comparison of the different features of each product series, please refer to AN3364 “Migration and compatibility guidelines for STM32 microcontroller applications.” Note: The following notational convention is used in the rest of the document: STM32L0xx is used instead of STM32L0xxxx when referring to products of STM32L0 series, and STM32L1xx is used instead of STM32L1xxxx when referring to products of STM32L1 series. Table 1. Applicable products Type Product series Microcontrollers STM32L0 STM32L1 www.st.com |
Similar Part No. - AN4654 |
|
Similar Description - AN4654 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |