Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4654 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 10Page - STMicroelectronics AN4654 Datasheet HTML 11Page - STMicroelectronics AN4654 Datasheet HTML 12Page - STMicroelectronics AN4654 Datasheet HTML 13Page - STMicroelectronics AN4654 Datasheet HTML 14Page - STMicroelectronics AN4654 Datasheet HTML 15Page - STMicroelectronics AN4654 Datasheet HTML 16Page - STMicroelectronics AN4654 Datasheet HTML 17Page - STMicroelectronics AN4654 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Peripheral migration
AN4654
14/32
DocID027444 Rev 1
3.4
Reset and clock controller (RCC) interface
The main differences related to the RCC (Reset and clock controller) in the STM32L0 series
versus STM32L1 series are presented in Table 5.
Table 5. RCC differences between STM32L1 and STM32L0 series
RCC
STM32L1 series
STM32L0 series
HSI 48
NA
High speed internal oscillator at 48MHz
HSI
8 MHz RC factory-trimmed
Similar, can be used after wake-up from the
Stop mode
LSI
37 kHz RC
Similar
HSE
1 - 32 MHz
1 - 32 MHz(1)
LSE
32.768 kHz
32.768 kHz driving strength control
PLL
Main PLL
Similar
System clock source HSI, HSE, MSI or PLL
Similar
System clock
frequency
Up to 32 MHz
MSI = 2.097 MHz after reset
Similar
APB1/APB frequency Up to 32 MHz
Similar
RTC clock source
LSI, LSE or HSE
Similar
MCO clock source
SYSCLK, HSI, MSI, HSE, PLL, LSI, LSE
SYSCLK, HSI, MSI, HSE, PLL, LSI, LSE, HSI48
Internal oscillator
measurement /
calibration
LSI, MSI, HSI can be measured with
respect to LSE or HSE clock by using
TIM9, TIM10 or TIM11.
LSI, MSI, HSI can be measured with respect to
LSE or HSE clock by using TIM21.
HSI48 can be calibrated on the run by the mean
of the CRS using a reference clock.
1. Same feature but spec change or enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com