| Electronic Components Datasheet Search |
|
AN4655 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4655 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() March 2015 DocID027483 Rev 1 1/21 1 AN4655 Application note Virtually increasing the number of serial communication peripherals in STM32 applications Introduction Application engineers often face the problem of limited number of serial communication peripherals of a microcontroller that, on the other hand fulfills all the other application requirements thanks to its features and performance. Sometimes they obviate by switching to a higher level microcontroller with sufficient number of communication peripherals. This migration brings with it additional (often unused) performance and functionality, in most cases unneeded and not used by application, in addition to increased costs and PCB complexity. A frequent case is when full (or specific) functionality is not required for each and every channel, in this case the communication flow and its control can be simplified radically (e.g. communication is required at specific modes or time slots only, communication speed can be lower, correct timing is not strictly required for all the signals, simplified protocol or flow is acceptable). In these specific cases the user would really benefit from methods on how to supplement the missing channel(s) with current HW, to avoid needless migrations. On the other side, reaching nearly full compatibility with all the native HW features is hardly achievable at an alternate channel, besides costing a lot in terms of code and performance. Usually it is preferable to abandon some specific requirements with the goal of simplify the concept of the alternated peripheral channel. A crucial point here is to recognize those undemanding channels in the application, which can be altered with lower effort and loss of performance. This application note provides a basic overview of the described issue, and will help the application engineers to identify possible alternate methods when implementing missing communication channels. It applies to all STM32 microcontrollers, as the discussed peripherals are present on all products of this class. Additional informations and examples can be found in the following reference documents, describing actual cases and solutions: • TN0072, Software toolchains and STM32 features; • UM0892, STM32 ST-LINK Utility software description; • AN4457, STM32F4 full Duplex UART emulation. The last cited document is being developed together with other application notes on the same topic, user should check their availability on www.st.com. www.st.com |
Similar Part No. - AN4655 |
|
Similar Description - AN4655 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |