Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4655 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4655
Description  Virtually increasing the number of serial communication peripherals in STM32 applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4655 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4655 Datasheet HTML 8Page - STMicroelectronics AN4655 Datasheet HTML 9Page - STMicroelectronics AN4655 Datasheet HTML 10Page - STMicroelectronics AN4655 Datasheet HTML 11Page - STMicroelectronics AN4655 Datasheet HTML 12Page - STMicroelectronics AN4655 Datasheet HTML 13Page - STMicroelectronics AN4655 Datasheet HTML 14Page - STMicroelectronics AN4655 Datasheet HTML 15Page - STMicroelectronics AN4655 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SW methods
AN4655
12/21
DocID027483 Rev 1
2.4.2
UART
SW emulation of UART channel requires proper timing control as the data flow is
asynchronous. Data transmission and reception are two quite independent and
unsynchronized processes provided on two separated unidirectional data lines (Tx and Rx)
driven exclusively by the transmitter.
Usually, any synchronization or timing issue should prevent timing errors larger than 30%
within every transacted bit rate interval. When 10 bits are transacted within a character
frame, the internal clock difference ratio between transmitter and receiver should not exceed
3% to handle the last transacted bit correctly. The defined rate and bit protocol are
configurable.
Physical interface is mostly defined by additional communication standards like
RS232/422/485.
Modem operation capability can be supported by additional status signals like CTS/RTS. No
addressing or acknowledgment control is implemented.
Character framing is partially configurable, NRZ format is used. The frame is started by
single start bit followed by 5-9 data bits with optional parity bit included and closed by 1-2
stop bits. If data line is held at idle longer than a character time a break condition can be
detected. Bit sampling is usually provided in the middle of the bit interval and can include
few samples of the same bit. It can raise noise, frame (stop) or parity framing errors.
Receiver can face overrun error, too.
Optional API can integrate single data buffering or more complex FIFO structures for both
transmitter and receiver.
2.4.3
I2C
SW emulation of I2C channel is the most complex one as wide range of aspects has to be
considered.
A specific timing is required in dependency of selected mode, even if a synchronous
protocol is used. This applies especially for Standard mode (for which rates are slower, up to
100 kbit/s), where duration of low and high period of SCL clock signal and margin between
data SDA and clock SCL signals change during Start and Stop conditions have to be kept at
a minimum value of about 5 µs.
The output stages of the bidirectional SDA and SCL signals should have an open-drain or
open-collector to perform the wired-AND function. The standard allows to connect sources
with different supply levels.
The protocol includes 10-bits or 7-bits addressing read and write modes, bus arbitration
supporting multi master communication, data acknowledgment, clock stretching and clock
synchronization procedures. The emulation task can be dramatically simplified when the
application doesn’t need to support some of these requirements.
If API is applied, it is based mostly on more complex interface which collects all the
necessary information to handle the protocol, data transfer and raised events. Misplaced
start or stop condition (bus error), acknowledge failure and arbitration loss (at multi master
system) are the communication errors usually signaled by the API. A slave receiver can face
a data overrun when no clock stretching is applied, too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com