Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004A Datasheet(PDF) 69 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 69 Page - NEC

Back Button UPD750004A Datasheet HTML 65Page - NEC UPD750004A Datasheet HTML 66Page - NEC UPD750004A Datasheet HTML 67Page - NEC UPD750004A Datasheet HTML 68Page - NEC UPD750004A Datasheet HTML 69Page - NEC UPD750004A Datasheet HTML 70Page - NEC UPD750004A Datasheet HTML 71Page - NEC UPD750004A Datasheet HTML 72Page - NEC UPD750004A Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
69
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
IOH vs. VDD - VOH (Ports 2, 3, 6, 7, and 8)
IOL vs. VOL (Ports 2, 3, 6, 7, and 8)
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = 1.8 V
VDD = 2.2 V
VDD = 3 V
VDD = 4 V
VDD = 5.5 V
VDD = 5 V
VDD - VOH [V]
(TA = 25
°C)
40
30
20
10
0
0
0.5
1.0
1.5
2.0
VDD = 1.8 V
VDD = 2.2 V
VDD = 3 V
VDD = 4 V
VDD = 5 V
VDD = 5.5 V
(TA = 25
°C)
VOL [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com