Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004A Datasheet(PDF) 12 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 12 Page - NEC

Back Button UPD750004A Datasheet HTML 8Page - NEC UPD750004A Datasheet HTML 9Page - NEC UPD750004A Datasheet HTML 10Page - NEC UPD750004A Datasheet HTML 11Page - NEC UPD750004A Datasheet HTML 12Page - NEC UPD750004A Datasheet HTML 13Page - NEC UPD750004A Datasheet HTML 14Page - NEC UPD750004A Datasheet HTML 15Page - NEC UPD750004A Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
12
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
Type F-B
Type M-C
Type M-D
P.U.R.: Pull-Up Resistor
VDD
P-ch
N-ch
IN/OUT
VDD
P-ch
P.U.R.
P.U.R.
enable
Output
disable
(P)
Data
Output
disable
Output
disable
(N)
P.U.R.: Pull-Up Resistor
N-ch
P.U.R.
Data
Output
disable
P.U.R.
enable
VDD
P-ch
IN/OUT
P.U.R.: Pull-Up Resistor
N-ch
(Withstand
voltage:
+13 V)
IN/OUT
Data
VDD
Output
disable
P.U.R.
(Mask option)
Note
P.U.RNote
VDD
P-ch
Input
instruction
Pull-up resistor that operates only when pull-up resistors
that can be specified with the mask option are not
incorporated and an input instruction is executed.
(When the pin is low, the current flows from VDD to the pin.)
Voltage
restriction
circuit
(Withstand voltage: +13 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com