Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004A Datasheet(PDF) 10 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 10 Page - NEC

Back Button UPD750004A Datasheet HTML 6Page - NEC UPD750004A Datasheet HTML 7Page - NEC UPD750004A Datasheet HTML 8Page - NEC UPD750004A Datasheet HTML 9Page - NEC UPD750004A Datasheet HTML 10Page - NEC UPD750004A Datasheet HTML 11Page - NEC UPD750004A Datasheet HTML 12Page - NEC UPD750004A Datasheet HTML 13Page - NEC UPD750004A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
3.2
NON-PORT PINS
Notes 1. The circle (
) indicates the Schmitt trigger input.
2. With a noise eliminator/asynchronously selectable
3. Asynchronous
B
B
F
F
M
B
Function
Inputs external event pulse to the timer/event
counter
Timer/event counter output
Timer counter output
Clock output
Arbitrary frequency output (for buzzer output or
system clock trimming)
Serial clock I/O
Serial data output
Serial data bus I/O
Serial data input
Serial data bus I/O
Edge detection vectored interrupt input (both
rising and falling edges are detected)
Rising edge detection testable input
Falling edge detection testable input
Falling edge detection testable input
Crystal/ceramic connection pin for main system
clock generation. When external clock signal is
used, it is applied to X1, and its reverse phase
signal is applied to X2.
Crystal connection pin for subsystem clock
generation. When external clock signal is used, it
is applied to XT1, and it reverse phase signal is
applied to XT2.
XT1 can be used as a 1-bit input (test).
System reset input (active low)
Internally connected. (To be connected directly to
VDD)
Positive power supply
Ground potential
Input/
output
Input
Output
I/O
Input
Input
Input
I/O
I/O
Input
-
Input
-
Input
-
-
-
When reset
Input
Input
Input
Input
Input
Input
-
-
-
-
-
-
Edge detection vectored interrupt input
(detection edge selectable). A noise eliminator
can be selected when INT0/P10 is used.
Shared
pin
P13
P20
P21
P22
P23
P01
P02
P03
P00
P10
P11
P12
P60 - P63
P70 - P73
-
-
-
-
-
-
Note 3
Note 2
Note 3
I/O circuit
typeNote 1
-C
E-B
-A
-B
-C
-C
-A
-A
-
-
-
-
-
B
Pin name
TI0
PTO0
PTO1
PCL
BUZ
SCK
SO/SB0
SI/SB1
INT4
INT0
INT1
INT2
KR0 - KR3
KR4 - KR7
X1
X2
XT1
XT2
RESET
IC
VDD
VSS
F
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com