Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750064CU Datasheet(PDF) 55 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 55 Page - NEC

Back Button UPD750064CU Datasheet HTML 51Page - NEC UPD750064CU Datasheet HTML 52Page - NEC UPD750064CU Datasheet HTML 53Page - NEC UPD750064CU Datasheet HTML 54Page - NEC UPD750064CU Datasheet HTML 55Page - NEC UPD750064CU Datasheet HTML 56Page - NEC UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
55
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Ports
4, 5
12. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25˚C)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VI1
Other than ports 4, 5
–0.3 to VDD + 0.3
V
VI2
Pull-up resistor provided
–0.3 to VDD + 0.3
V
N-ch open drain
–0.3 to +14
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current, high
IOH
Per pin
–10
mA
Total of all pins
–30
mA
Output current, low
IOL
Per pin
30
mA
Total of all pins
220
mA
Operating ambient
TA
–40 to +85
˚C
temperature
Storage temperature
Tstg
–65 to +150
˚C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Capacitance (TA = 25˚C, VDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
15
pF
Output capacitance
COUT
Unmeasured pins returned to 0 V
15
pF
I/O capacitance
CIO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com