Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1014DN Datasheet HTML 7Page - Linear Technology LT1014DN Datasheet HTML 8Page - Linear Technology LT1014DN Datasheet HTML 9Page - Linear Technology LT1014DN Datasheet HTML 10Page - Linear Technology LT1014DN Datasheet HTML 11Page - Linear Technology LT1014DN Datasheet HTML 12Page - Linear Technology LT1014DN Datasheet HTML 13Page - Linear Technology LT1014DN Datasheet HTML 14Page - Linear Technology LT1014DN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1013/LT1014
TYPICAL APPLICATIONS
5V Powered Precision Instrumentation Amplifier
LT1014
6
5
LT1014
2
3
7
1
200k*
200k*
RG (TYP 2k)
†
†
†
†
+5V
+5V
20k
20k
–INPUT
+INPUT
LT1014
13
12
14
10k
10k
10k*
10k*
10k*
10k*
OUTPUT
4
11
+5V
LT1014
9
10
8
TO
INPUT
CABLE SHIELDS
1% FILM RESISTOR. MATCH 10k's 0.05%
GAIN EQUATION: A =
+ 1.
FOR HIGH SOURCE IMPEDANCES,
USE 2N2222 AS DIODES.
400,000
RG
*
†
1
µF
9V Battery Powered Strain Gauge Signal Conditioner
LT1014
13
12
14
LT1014
6
5
7
LT1014
9
10
8
100k
100k
499
499
350
Ω
STRAIN GAUGE
BRIDGE
TO A/D RATIO
REFERENCE
2N2219
330
Ω
0.01
4.7k
47
µF
+9V
TO A/D
22M
LT1014
2
3
1
1N4148
100k
100k
100k
0.068
15k
0.068
0.068
15k
3k
15
14
7
6
13
9
+9V
TO A/D
CONVERT COMMAND
1
5
+9V
4
11
74C221
+9V
SAMPLED OPERATION GIVES LOW AVERAGE OPERATING CURRENT
≈ 650µA.
4.7k–0.01
µF RC PROTECTS STRAIN BRIDGE FROM LONG TERM DRIFTS DUE TO
HIGH
∆V/∆T STEPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com