Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 7 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1014DN Datasheet HTML 3Page - Linear Technology LT1014DN Datasheet HTML 4Page - Linear Technology LT1014DN Datasheet HTML 5Page - Linear Technology LT1014DN Datasheet HTML 6Page - Linear Technology LT1014DN Datasheet HTML 7Page - Linear Technology LT1014DN Datasheet HTML 8Page - Linear Technology LT1014DN Datasheet HTML 9Page - Linear Technology LT1014DN Datasheet HTML 10Page - Linear Technology LT1014DN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1013/LT1014
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01 0.1
1M 10M
110 100 1k
10k 100k
140
120
100
80
60
40
20
0
–20
VS = ±15V
VS = 5V, 0V
TA = 25°C
CL = 100pF
LOAD RESISTANCE TO GROUND (
Ω)
100
100k
1M
10M
1k
10k
VO = 20mV TO 3.5V
WITH VS = 5V, 0V
TA = 25°C, VS = ±15V
TA = –55°C, VS = ±15V
TA = 125°C, VS = ±15V
TA = –55°C, VS = 5V, 0V
TA = 25°C, VS = 5V, 0V
TA = 125°C, VS = 5V, 0V
VO = ±10V WITH VS = ±15V
Output Short Circuit Current
vs Time
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
1
2
40
30
20
10
0
–10
–20
–30
–40
3
–55
°C
25
°C
25
°C
125
°C
125
°C
–55
°C
VS = ±15V
Voltage Gain vs Load
Resistance
APPLICATIONS INFORMATION
Single Supply Operation
The LT1013/1014 are fully specified for single supply
operation, i.e., when the negative supply is 0V. Input
common-mode range includes ground; the output swings
within a few millivolts of ground. Single supply operation,
however, can create special difficulties, both at the input
and at the output. The LT1013/LT1014 have specific
circuitry which addresses these problems.
At the input, the driving signal can fall below 0V— inad-
vertently or on a transient basis. If the input is more than
a few hundred millivolts below ground, two distinct prob-
lems can occur on previous single supply designs, such as
the LM124, LM158, OP-20, OP-21, OP-220, OP-221, OP-
420:
a) When the input is more than a diode drop below ground,
unlimited current will flow from the substrate (V – termi-
nal) to the input. This can destroy the unit. On the LT1013/
1014, the 400
Ω resistors, in series with the input (see
schematic diagram), protect the devices even when the
input is 5V below ground.
Gain, Phase vs Frequency
FREQUENCY (MHz)
0.1
0.3
20
10
0
–10
80
100
120
140
160
180
200
13
10
TA = 25°C
VCM = 0V
CL = 100pF
PHASE
±15V
5V, 0V
±15V
5V, 0V
GAIN
Channel Separation vs
Frequency
FREQUENCY (Hz)
10
160
140
120
100
80
60
100k
100
1k
10k
1M
LIMITED BY
THERMAL
INTERACTION
RS = 1kΩ
RS = 100Ω
VS = ±15V
TA = 25°C
VIN = 20Vp-p to 5kHz
RL = 2k
LIMITED BY
PIN TO PIN
CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com