Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 18 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1014DN Datasheet HTML 12Page - Linear Technology LT1014DN Datasheet HTML 13Page - Linear Technology LT1014DN Datasheet HTML 14Page - Linear Technology LT1014DN Datasheet HTML 15Page - Linear Technology LT1014DN Datasheet HTML 16Page - Linear Technology LT1014DN Datasheet HTML 17Page - Linear Technology LT1014DN Datasheet HTML 18Page - Linear Technology LT1014DN Datasheet HTML 19Page - Linear Technology LT1014DN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1013/LT1014
TYPICAL APPLICATIONS
–
+
1/2 LT1013
1
8
4
3
2
+
–
1/2 LT1013
7
6
5
+5V
1M*
5M*
20k
4.22M*
4.22M*
100k
+5V
1M*
RT1
3.2k
1M*
RT2
6.25k
RT
YSI 44201
2.16k*
3.4k*
4.3k
TEMPERATURE
COMPENSATION
GENERATOR
LT1009
2.5V
+5V
680
Ω
100
Ω
100k
560k
MV-209
3.5MHz
XTAL
OSCILLATOR SUPPLY
STABILIZATION
OSCILLATOR
510pF
510pF
3.5MHz OUTPUT
0.03ppm/
°C, 0°C–70°C
2N2222
1% FILM
3.5MHz XTAL = AT CUT – 35
°20'
MOUNT RT NEAR XTAL
3mA POWER DRAIN
THERMISTOR-AMPLIFIER-VARACTOR NETWORK GENERATES
A TEMPERATURE COEFFICIENT OPPOSITE THE CRYSTAL TO
MINIMIZE OVERALL OSCILLATOR DRIFT
*
†
Low Power, 5V Driven, Temperature Compensated Crystal Oscillator (TXCO)
†
Step-Up Switching Regulator for 6V Battery
–
+
–
+
LT1013
5
8
4
6
7
LT1013
3
2
1
0.1
200k
LT1004
1.2V
130k
300
Ω
OUTPUT
+15V
50mA
INPUT
+6V
+
100
1N5821
2N5262
L1
1MHY
+
2.2
5.6k
5.6k
220pF
220k
1M
22k
2N2222
0.001
LT = AIE–VERNITRON 24–104
78% EFFICIENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com