Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 5 Page - Linear Technology

  LT1014DN Datasheet HTML 1Page - Linear Technology LT1014DN Datasheet HTML 2Page - Linear Technology LT1014DN Datasheet HTML 3Page - Linear Technology LT1014DN Datasheet HTML 4Page - Linear Technology LT1014DN Datasheet HTML 5Page - Linear Technology LT1014DN Datasheet HTML 6Page - Linear Technology LT1014DN Datasheet HTML 7Page - Linear Technology LT1014DN Datasheet HTML 8Page - Linear Technology LT1014DN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1013/LT1014
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage Drift with
Temperature of Representative
Units
TEMPERATURE (
°C)
–50
200
100
0
–100
–200
0
50
75
–25
25
100
125
VS = ±15V
TIME AFTER POWER ON (MINUTES)
0
5
4
3
2
1
0
4
1
2
3
5
VS = ±15V
TA = 25°C
LT1013 CERDIP (J) PACKAGE
LT1013 METAL CAN (H) PACKAGE
LT1014
Warm-Up Drift
BALANCED SOURCE RESISTANCE (
Ω)
1k
3k
10k 30k 100k 300k 1M
3M 10M
10
1
0.1
0.01
VS = 5V, 0V, –55°C TO 125°C
VS = ±15V, 0V, –55°C TO 125°C
VS = 5V, 0V, 25°C
VS = ±15V, 0V, 25°C
–
+
RS
RS
Offset Voltage vs Balanced
Source Resistance
Common-Mode Rejection Ratio
vs Frequency
0.1Hz to 10Hz Noise
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
1M
VS = 5V, 0V
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
100
10k
110
1k
100k
1M
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = ±15V + 1VP-P SINE WAVE
TA = 25°C
TIME (SECONDS)
0
8
2
4
6
10
TA = 25°C
VS = ±2V TO ±18V
10Hz Voltage Noise
Distribution
Noise Spectrum
Supply Current vs Temperature
FREQUENCY (Hz)
1
1000
100
10
300
30
10
100
1k
CURRENT NOISE
VOLTAGE NOISE
1/f CORNER 2Hz
TA = 25°C
VS = ±2V TO ±18V
VOLTAGE NOISE DENSITY (nV/
√Hz)
10
200
180
160
140
120
100
80
60
40
20
0
50
20
30
40
60
VS = ±15V
TA = 25°C
328 UNITS TESTED
FROM THREE RUNS
TEMPERATURE (
°C)
–50
460
420
380
340
300
260
0
50
75
–25
25
100
125
VS = ±15V
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com