Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1577CS-3.3/2.8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1577CS-3.3/2.8
Description  Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1577CS-3.3/2.8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1577CS-3.3/2.8 Datasheet HTML 11Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 12Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 13Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 14Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 15Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 16Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 17Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 18Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1575/LT1577
TYPICAL APPLICATIONS N
1
2
3
4
8
7
6
5
+
LT1575-1.5
R2
3.9
Ω
R1
0.005
Ω
R5
150
Ω
R4
75
Ω
R8
100
Ω
R9
100
Ω
VTT
1.5V
R10
100
Ω
R6
75
Ω
R7
150
Ω
R3
4.99k
C5
1000pF
C8 TO C23
1
µF
CERAMIC
0805
CASE
C6
0.1
µF
C7
0.1
µF
VREF
VREF
Q1
IRFZ24
C3
1
µF
C4
10pF
C2
0.22
µF
RESET
12V
VIN
3.3V
C1
220
µF
6.3V
SHDN
VIN
GND
OUT
IPOS
INEG
GATE
COMP
RX
TX
•
•
•
RX
TX
RX
TX
RX
TX
Q4
Q2
Q3
Q5
1575/77 TA12
142 TOTAL SIGNAL LINES
NOTE: LTC RECOMMENDS CENTRALLY
LOCATING THE LT1575-1.5 OUTPUT
TO MINIMIZE VTT DISTRIBUTION
DROPS AND USING SEPARATE VREF
GENERATORS AT EACH BUS END
R11
100
Ω
Pentium
® II Processor GTL+ Power Supply
Generating 12V Gate Drive from a 5V Power Supply
1
2
3
4
8
7
6
5
LT1262
C1
0.22
µF
C3
4.7
µF
C8
390pF
R1
2k
74HC14
D6
BAT85
D3
BAT85
C9
0.22
µF
C7
100
µF
10V
1575/77 TA13
C6
10
µF
25V
C5
100
µF
10V
D1
1N5818
L1
33
µH
C4
4.7
µF
12V
25mA
12V
25mA
12V
25mA
VCC
4.75V TO 5.5V
VCC
4.75V TO 5.5V
VCC
4.75V TO 5.5V
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
+
+
C11
0.22
µF
C12
0.22
µF
C10
0.22
µF
C2
0.22
µF
SW
2
1
3
LT1109CZ-12
VOUT
GND
+
D2
BAT85
D4
BAT85
D5
BAT85
×5
Pentium is a registered trademark of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com