Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1577CS-3.3/2.8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1577CS-3.3/2.8
Description  Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1577CS-3.3/2.8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1577CS-3.3/2.8 Datasheet HTML 12Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 13Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 14Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 15Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 16Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 17Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 18Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 19Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1575/LT1577
© LINEAR TECHNOLOGY CORPORATION 1996
15757f LT/TP 0598 4K • PRINTED IN THE USA
LT1577 Split Plane System
TYPICAL APPLICATION
+
C2
330
µF
6.3V
C3
0.33
µF
C6
1500pF
R2
3.9k
R1
3.9
Ω
R5
3.9
Ω
C9 TO
C20*
1
µF
Q1
IRFZ24
VI/O
3.3V
C5
10pF
C8
1000pF
R6
7.5k
C7
10pF
1575/77 TA15
FAULT RESET
C4
1
µF
12V
C1
330
µF
6.3V
INPUT
5V
+
Q2
IRFZ24
*X7R CERAMIC 0805 CASE
C21 TO
C44*
1
µF
VCORE
2.8V
1
2
3
4
16
15
14
13
IPOS1
INEG1
GATE1
COMP1
SHDN1
VIN1
GND1
OUT-3.3
1/2 LT1577
5
6
7
8
12
11
10
9
IPOS2
INEG2
GATE2
COMP2
SHDN2
VIN2
GND2
OUT-2.8
1/2 LT1577
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1266
Current Mode, Step-Up/Down Switching Regulator Controller
Synchronous N- or P-Channel FETs, Comparator/Low
Battery Detector
LTC1392
Micropower Temperature, Power Supply and Differential
Temperature to Bits Control
Voltage Monitor
LTC1430
High Power Step-Down Switching Regulator Controller
Voltage Mode, 5V to 3.xxV at >10A
LTC1435
High Efficiency, Low Noise Synchronous Step-Down
Current Mode with Wide Input Voltage Range
Switching Regulator
LTC1553
Digitally Controlled Synchronous Switching Regulator Controller
Controller for Pentium II Processor, Buck Conversion
from 5V or 12V Main Power
LTC1553L
Digitally Controlled Synchronous Switching Regulator Controller
Controller for Pentium II Processor, Buck Conversion
from 5V Main Power
LT1573
Low Dropout Regulator Driver
Drives Low Cost PNP Transistor for High Power,
Low Dropout Applications
LT1580
7A, Very Low Dropout Linear Regulator
0.54V Dropout at 7A, Fixed 2.5VOUT and Adjustable
LT1585-1.5
Fixed 1.5V, 5A Low Dropout Fast Response Regulator
GTL+ Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com