Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1577CS-3.3/2.8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1577CS-3.3/2.8
Description  Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1577CS-3.3/2.8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1577CS-3.3/2.8 Datasheet HTML 12Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 13Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 14Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 15Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 16Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 17Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 18Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 19Page - Linear Technology LT1577CS-3.3/2.8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1575/LT1577
TYPICAL APPLICATIONS N
12V to 3.3V/9A (14A Peak) Hybrid Regulator
Transient Response to a 10A Load Step
200
µs/DIV
1575/77 TA17
+
+
+
+
+
1575/77 TA16
TG
SW
BOOST
INTVCC
BG
S+
S–
EXTVCC
COSC
RUN/SS
ITH
SFB
SGND
VOS
9
1
2
3
4
5
6
16
14
15
12
11
8
7
13
10
C4, 4.7
µF
C5
0.1
µF
D2
MBRS330T3
R8
15K
R3
100
R4
100
C18
1000
µF
10V
C20
1000
µF
10V
C19
1000
µF
10V
R6
0.0075
Ω
L1
4
µH
C2, 1000pF
VIN
LTC1435
C21, 10pF
C22, 1000pF
R2
1.21k
1%
C1, 470pF
R9
2k
Q1
IRLZ44
R1
2.1k, 1%
VCORE
3.3V
1
2
3
4
8
7
6
5
PGND
D1, CMDSH-3
Q3
Q2
C16
1
µF
C14
150
µF
16V
C15
1
µF
C17
1
µF
12V
C11
150
µF
16V
C12
150
µF
16V
C13
150
µF
16V
C3, 0.1
µF
C9
1500pF
R5
16.5k
C10, 1000pF
C8, 68pF
C7, 0.1
µF
R7
35.7k
+
C23
1
µF
C6
0.1
µF
12V
1
µF
X7R
CERAMIC
0805 CASE
×40
+
+
L1 =COILTRONICS CTX02-13199
Q2, Q3 =SILICONIX SUD50N03-10
LT1575
SHDN
VIN
GND
OUT
IPOS
INEG
GATE
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com