Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19601CP5RO Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601CP5RO
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601CP5RO Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19601CP5RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
3/8
Version: C14
Electrical Characteristics Curve
Figure 1. Supply Current vs. Supply Voltage
Figure 2. ISET Voltage vs. Junction Temperature
Figure 3. Output Current vs. Supply Voltage
Figure 4. Output Current vs. Dropout Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com