Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19601CP5RO Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601CP5RO
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601CP5RO Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19601CP5RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
4/8
Version: C14
Application Information
TS19601 is a high voltage, low dropout current regulator for maximum output current up to 700mA with OE pin
control. The current could be linearly adjusted through variable resister connected to ISET pin, or by PWM control
via OE pin. Although the absolute maximum rating of OUT pin 75V, the dropout voltage between OUT pin and
GND pin should not be too large when current is sinking because of the thermal dissipation capability of the
package.
Here are some of the typical application examples:
DC Voltage Input
Any DC voltage level between 5V to 50V could be adopted as power source VDD for typical application of
TS19601 as long as VDD is larger than the total forward voltage drop of the LED string (at expecting current) by
0.35V. If 50V ~ 60V voltage level is adopted as power source to positive end of the LED string, one Zener shunt
regulator could be used to provide appropriate voltage to VDD pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com