Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19601CP5RO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601CP5RO
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601CP5RO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19601CP5RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
1/8
Version: C14
TO-252-5L
(PPAK)
General Description
The TS19601 is a high voltage, low dropout current regulator of maximum output current up to 700mA. The output
current is decided by an external resistor, and the output sink current could be disabled via OE pin. TS19601 has
internally also build-in thermal protection to prevent the chip over heat damage.
Features
●
0.5V VDROP @ 700mA
●
700mA Maximum Output Current
●
Output Current Controlled by External Resistor
●
3µs Fast Response Output Stage Enable Control
●
Output Sustaining Voltage up to 75V
●
Wide Supply Voltage Range: 5~50V
Typical Application Circuit
Applications
●
High Power LED Driver
●
RGB Full Color Power LED Driver
●
LCD Monitor/TV LED Backlight Driver
●
LED Table Lamp
Ordering Information
Part No.
Package
Packing
TS19601CP5 RO
TO-252-5L
2.5kpcs / 13” Reel
TS19601CP5 ROG
TO-252-5L
2.5kpcs / 13” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Input Voltage
VIN
55
V
Output Sustaining Voltage
VDSN
75
V
Output Sink Current
IOUT
700
mA
Output Enable Voltage
VEN
13.2
V
Operating Junction Temperature Range
TOPR
+150
ºC
Storage Temperature Range
TSTG
-55 ~ +150
ºC
Thermal Information
(Note 1)
Parameter
Symbol
Range
Unit
Thermal Resistance Junction to Air
RθJA
80
ºC/W
Pin Definition:
1. VIN
2. ISET
3. GND
4. EN
5. OUT


Similar Part No. - TS19601CP5RO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601CP5RO TSC-TS19601CP5RO Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
More results

Similar Description - TS19601CP5RO

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
50mA CMOS Voltage Regulator with Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
SHANGHAI BELLING CO., L...
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com