Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19601CP5RO Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601CP5RO
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601CP5RO Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19601CP5RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
6/8
Version: C14
Thermal Consideration Information
The Maximum Power Dissipation on Current Regulator
PD(MAX) = VOUT(MAX) × IOUT(NOM) + VIN(MAX) × IDD
Where :
VOUT(MAX) = the maximum voltage on output pin;
IOUT(NOM) = the nominal output current;
IDD = the quiescent current the regulator consumes at IOUT(NOM);
VIN(MAX) = the maximum input voltage.
Thermal Consideration
The TS19601 has internal power and thermal limiting circuitry designed to protect the device under overload
conditions. However, maximum junction temperature ratings should not be exceeded under continuous normal load
conditions. The thermal protection circuit of TS19601 prevents the device from damage due to excessive power
dissipation. When the device junction temperature rises to approximately 150°C, the regulator will be turned off.
When power consumption is over about 1000mW (TO-252 package, at TA=70°C), additional heat sink is required to
control the junction temperature below 125°C.
The junction temperature is:
TJ = PD (RθJT + RθCS + RθSA ) + TA
Where :
PD : Dissipated power.
RθJT: Thermal resistance from the junction to the mounting tab of the package.
For TO-252 package, RθJT = 7.0°C/W.
RθCS: Thermal resistance through the interface between the IC and the surface on which it is mounted.
(typically, RθCS < 1.0°C /W)
RθSA: Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink).
If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of
copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected
with several through-holes via.
PCB RθJA ºC/W
59
45
38
33
27
24
21
PCB heat sink size
500
1000
1500
2000
3000
4000
5000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com