Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1645CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1645CS Datasheet HTML 4Page - Linear Technology LTC1645CS Datasheet HTML 5Page - Linear Technology LTC1645CS Datasheet HTML 6Page - Linear Technology LTC1645CS Datasheet HTML 7Page - Linear Technology LTC1645CS Datasheet HTML 8Page - Linear Technology LTC1645CS Datasheet HTML 9Page - Linear Technology LTC1645CS Datasheet HTML 10Page - Linear Technology LTC1645CS Datasheet HTML 11Page - Linear Technology LTC1645CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1645
Power Supply Ramping
The power supplies on a board are controlled by placing
external N-channel pass transistors in the power paths as
shown in Figure 2. Consult Table 1 for a selection of
N-channel FETs suitable for use with the LTC1645. RSENSE1
and RSENSE2 provide current fault detection and R1 and R2
prevent high frequency oscillation. By ramping the gates
of the pass transistors up and down at a controlled rate,
the transient surge current (I = C • dv/dt) drawn from the
main backplane supply is limited to a safe value when the
board makes connection.
When power is first applied to the chip, the gates of the
N-channels (GATE1 and GATE2 pins) are pulled low. After
the ON pin is held above 0.8V for at least one timing cycle,
the voltage at GATE1 begins to rise with a slope equal to
dv/dt = 10
µA/C1 (Figure 3), where C1 is the external
capacitor connected between the GATE1 pin and GND. If
the ON pin is brought above 2V (and the ON pin has been
held above 0.8V for at least one timing cycle), the voltage
at GATE2 begins to rise with a slope equal to dv/dt =
10
µA/C2.
The ramp time for each supply is t = (VCCn • Cn)/10µA. If
the ON pin is pulled below 2V for GATE2 or 0.8V for GATE1
(but above 0.4V), a 40
µAcurrentsourceisconnectedfrom
GATE
n to GND, and the voltage at the GATEn pin will ramp
down, as shown in Figure 4.
Ringing
Good engineering practice calls for bypassing the supply
rail of any circuit. Bypass capacitors are often placed at the
supply connection of every active device, in addition to one
or more large value bulk bypass capacitors per supply rail.
If power is connected abruptly, the bypass capacitors slow
the rate of rise of voltage and heavily damp any parasitic
resonance of lead or trace inductance working against the
supply bypass capacitors.
The opposite is true for LTC1645 Hot Swap circuits on a
daughterboard. In most cases, on the powered side of the
N-channel FET switches (VCCn) there is no supply bypass
capacitor present. An abrupt connection, produced by
plugging a board into a backplane connector, results in a
fast rising edge applied to the VCCn line of the LTC1645.
APPLICATIO S I FOR ATIO
Figure 4. Supply Turning Off
Figure 3. Supply Turning On
Figure 2. Typical Hot Swap Connection
RSENSE2
Q1
Q2
R2
10
C2
CTIMER
CLOAD1
CLOAD2
R1
10
C1
12
1
2
3
8
9
6
5
11
7
13
14
10
4
VCC1
ON
FAULT
SENSE1
GATE2
VCC2
VCC2
VCC1
VOUT2
VOUT1
LTC1645
(14-LEAD)
TIMER
GND
COMP+
COMPOUT
FB
SENSE2
GATE1
1645 F02
RESET
+
+
RSENSE1
VCCn
VOUTn
VCCn + ∆VGATE
1645 F03
t1
t2
GATE
n
SLOPE = 10
µA/Cn
VCCn
VOUTn
VCCn + ∆VGATE
1645 F04
t3
t4
GATE
n
SLOPE = 40
µA/Cn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com