Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735CS-1 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1735CS-1
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS-1 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1735CS-1 Datasheet HTML 20Page - Linear Technology LTC1735CS-1 Datasheet HTML 21Page - Linear Technology LTC1735CS-1 Datasheet HTML 22Page - Linear Technology LTC1735CS-1 Datasheet HTML 23Page - Linear Technology LTC1735CS-1 Datasheet HTML 24Page - Linear Technology LTC1735CS-1 Datasheet HTML 25Page - Linear Technology LTC1735CS-1 Datasheet HTML 26Page - Linear Technology LTC1735CS-1 Datasheet HTML 27Page - Linear Technology LTC1735CS-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1735-1
APPLICATIO S I FOR ATIO
LTC1735-1. The VOSENSE line should not be routed
close to any other nodes with high slew rates.
3. Are the SENSE + and SENSE – leads routed together with
minimum PC trace spacing? The filter capacitor be-
tween SENSE + and SENSE – should be as close as
possible to the LTC1735-1. Ensure accurate current
sensing with kelvin connections to the SENSE resistors
shown in Figure 13. Series resistance can be added to
the SENSE lines to increase noise rejection.
4. Does the (+) terminal of CIN connect to the drain of the
topside MOSFET(s) as closely as possible? This capaci-
tor provides the AC current to the MOSFET(s).
5. Is the INTVCC decoupling capacitor connected closely
betweenINTVCC and the power ground pin? This capaci-
tor carries the MOSFET driver peak currents. An addi-
tional 1
µFceramicplacedimmediatelynexttotheINTVCC
and PGND pins can help improve noise performance.
6. Keep the switching node (SW), Top Gate node (TG), and
Boost node (BOOST) away from sensitive small-signal
nodes, especially from the voltage and current sensing
feedback pins. All of these nodes have very large and
fast moving signals and therefore should be kept on the
“output side” (Pins 9 to 16) of the LTC1735-1 and
occupy minimum PC trace area.
Figure 13. Kelvin Sensing RSENSE
Figure 12. LTC1735-1 Layout Diagram
COUT
R1
R2
CB
DB
RSENSE
D1
Q2
+
4.7
µF
Q1
CIN
+
–
L1
VIN
–
+
VOUT
1735-1 F12
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COSC
RUN/SS
ITH
PGOOD
SENSE –
SENSE +
VOSENSE
SGND
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735-1
47pF
1000pF
COSC
CC
CSS
INTVCC
CC2
RC
SENSE + SENSE –
HIGH CURRENT PATH
1735-1 F13
CURRENT SENSE
RESISTOR
(RSENSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com