Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735CS-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1735CS-1
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1735CS-1 Datasheet HTML 3Page - Linear Technology LTC1735CS-1 Datasheet HTML 4Page - Linear Technology LTC1735CS-1 Datasheet HTML 5Page - Linear Technology LTC1735CS-1 Datasheet HTML 6Page - Linear Technology LTC1735CS-1 Datasheet HTML 7Page - Linear Technology LTC1735CS-1 Datasheet HTML 8Page - Linear Technology LTC1735CS-1 Datasheet HTML 9Page - Linear Technology LTC1735CS-1 Datasheet HTML 10Page - Linear Technology LTC1735CS-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1735-1
COSC (Pin 1): External capacitor COSC from this pin to
ground sets the operating frequency.
RUN/SS (Pin 2): Combination of Soft-Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full current output. The time is approximately
1.25s/
µF. Forcing this pin below 1.5V causes the device to
be shut down. In shutdown all functions are disabled.
Latchoff overcurrent protection is also invoked via this pin
as described in the Applications Information section.
ITH (Pin 3): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 2.4V.
PGOOD (Pin 4): Open-Drain Logic Output and Forced
Continuous/Synchronization Input. The PGOOD pin is
pulled to ground when the voltage on the VOSENSE pin is
not within
±7.5% of its nominal set point. If power good
indication is not needed, this pin can be tied to ground to
force continuous synchronous operation. Clocking this
pin with a signal above 1.5VP-P synchronizes the internal
oscillator to the external clock. Synchronization only
occurs while the main output is in regulation (PGOOD not
internally pulled low). When synchronized, Burst Mode
operation is disabled but cycle skipping is allowed at low
load currents. This pin requires a pull-up resistor for
power good indication. Do not connect this pin directly to
an external source (or INTVCC). Do not exceed INTVCC on
this pin.
SENSE – (Pin 5): The (–) Input to the Current Comparator.
SENSE + (Pin 6): The (+) Input to the Current Comparator.
Built-in offsets between SENSE + and SENSE – pins in
conjunction with RSENSE set the inductor current trip
threshold.
VOSENSE (Pin 7): Receives the feedback voltage from an
external resistive divider across the output.
SGND (Pin 8): Small-Signal Ground. All small-signal
components such as COSC, CSS, the feedback divider plus
the loop compensation resistors and capacitor(s) should
single-point tie to this pin. This pin should, in turn, connect
to PGND.
EXTVCC (Pin 9): Input to the Internal Switch Connected to
INTVCC. This switch closes and supplies VCC power when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in Applications Information section. Do not exceed 7V on
this pin and ensure EXTVCC is ≤ VIN.
PGND (Pin 10): Driver Power Ground. This pin connects
to the source of the bottom N-channel MOSFET, the anode
of the Schottky diode and the (–) terminal of CIN.
BG (Pin 11): High Current Gate Drive for the Bottom
N-Channel MOSFET. Voltage swing at this pin is from
ground to INTVCC .
INTVCC (Pin 12): Output of the Internal 5.2V Low Dropout
Regulator and EXTVCC Switch. The driver and control
circuits are powered from this voltage. Decouple to power
ground with a 1
µF ceramic capacitor placed directly adja-
cent to the IC together with a minimum of 4.7
µF tantalum
or other low ESR capacitor.
VIN (Pin 13): Main Supply Pin. This pin must be closely
decoupled to power ground.
SW (Pin 14): Switch Node Connection to Inductor and
Bootstrap Capacitor. Voltage swing at this pin is from a
Schottky diode (external) voltage drop below ground to
VIN.
BOOST (Pin 15): Supply to Topside Floating Driver. The
bootstrap capacitor is returned to this pin. Voltage swing
at this pin is from a diode drop below INTVCC to VIN +
INTVCC.
TG (Pin 16): High Current Gate Drive for Top N-Channel
MOSFET. This is the output of a floating driver with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com