Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735CS-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1735CS-1
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC1735CS-1 Datasheet HTML 1Page - Linear Technology LTC1735CS-1 Datasheet HTML 2Page - Linear Technology LTC1735CS-1 Datasheet HTML 3Page - Linear Technology LTC1735CS-1 Datasheet HTML 4Page - Linear Technology LTC1735CS-1 Datasheet HTML 5Page - Linear Technology LTC1735CS-1 Datasheet HTML 6Page - Linear Technology LTC1735CS-1 Datasheet HTML 7Page - Linear Technology LTC1735CS-1 Datasheet HTML 8Page - Linear Technology LTC1735CS-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1735-1
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1735CS-1, LTC1735IS-1: TJ = TA + (PD • 110 °C/W)
LTC1735CGN-1, LTC1735IGN-1: TJ = TA + (PD • 130°C/W)
Note 3: The LTC1735-1 is tested in a feedback loop that servos VOSENSE
to the balance point for the error amplifier (VITH = 1.2V).
Note 4: The minimum on-time condition corresponds to an inductor
peak-to-peak ripple current > 40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Oscillator frequency is tested by measuring the COSC charge
current (IOSC) and applying the formula:
f
kHz
CpF
I
I
OSC
OSC
CHG
DIS
()
.()
()
–
=
+
+


8 477 10
11
11
8
1
Note 7: Rise and fall times are measured using 10% to 90% levels.
Delay times are measured using 50% levels.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG Transition Time:
(Note 7)
TG tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG tf
Fall Time
CLOAD = 3300pF
50
90
ns
BG Transition Time:
(Note 7)
BG tr
Rise Time
CLOAD = 3300pF
50
90
ns
BG tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG T1D
Top Gate Off to Synchronous
CLOAD = 3300pF Each Driver
100
ns
Gate-On Delay Time
TG/BG T2D
Synchronous Gate Off to Top
CLOAD = 3300pF Each Driver
70
ns
Gate-On Delay Time
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
5.0
5.2
5.4
V
VLDO(INT)
INTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 4V
0.2
1
%
VLDO(EXT)
EXTVCC Drop Voltage
ICC = 20mA, VEXTVCC = 5V
130
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VEXTVCC(HYS)
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator Frequency
(Note 6), COSC = 43pF
265
300
335
kHz
fH/fOSC
Maximum Sync Frequency Ratio
1.3
PGOOD Pin
VPG(SYNC)
PGOOD Threshold for Sync
Ramping Negative
0.9
1.2
V
VPG(FC)
PGOOD Threshold for Force Cont.
0.76
0.8
0.84
V
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
110
200
mV
IPGOOD
PGOOD Pull-Up Current
VPGOOD = 0.85V
– 0.17
µA
VPG
PGOOD Trip Level
VOSENSE With Respect to Set Output Voltage
VOSENSE Ramping Negative
– 6.0
–7.5
–9.5
%
VOSENSE Ramping Positive
6.0
7.5
9.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com