Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735CS-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1735CS-1
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC1735CS-1 Datasheet HTML 1Page - Linear Technology LTC1735CS-1 Datasheet HTML 2Page - Linear Technology LTC1735CS-1 Datasheet HTML 3Page - Linear Technology LTC1735CS-1 Datasheet HTML 4Page - Linear Technology LTC1735CS-1 Datasheet HTML 5Page - Linear Technology LTC1735CS-1 Datasheet HTML 6Page - Linear Technology LTC1735CS-1 Datasheet HTML 7Page - Linear Technology LTC1735CS-1 Datasheet HTML 8Page - Linear Technology LTC1735CS-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1735-1
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
(3 Operating Modes)
LOAD CURRENT (A)
0.001
60
70
80
BURST
SYNC
CONT
10
1735-1 G01
50
40
20
0.01
0.1
1
30
100
90
VIN = 10V
VOUT = 3.3V
RS = 0.01Ω
fO = 300kHz
EXTVCC OPEN
Efficiency vs Load Current
LOAD CURRENT (A)
10mA
100mA
1A
10A
1735-1 G02
100
90
80
70
60
50
40
VIN = 5V
EXTVCC = 5V
VOUT = 1.6V
VIN = 24V
VIN = 15V
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735-1 G03
25
30
95
EXTVCC = 5V
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
Efficiency vs Input Voltage
VIN – VOUT Dropout Voltage
vs Load Current
Load Regulation
Efficiency vs Input Voltage
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735-1 G04
25
30
95
EXTVCC OPEN
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
LOAD CURRENT (A)
0
–0.2
–0.1
8
1735-1 G05
–0.3
–0.4
2
4
6
10
0
FCB = 0V
VIN = 15V
FIGURE 1
LOAD CURRENT (A)
0
0
500
400
300
200
100
2468
1735-1 G06
10
RSENSE = 0.005Ω
VOUT = 5V – 5% DROP
Input and Shutdown Currents
vs Input Voltage
INPUT VOLTAGE (V)
05
0
200
500
10
20
25
1735-1 G07
100
400
300
0
40
100
20
80
60
15
30
35
EXTVCC OPEN
SHUTDOWN
EXTVCC = 5V
INTVCC Line Regulation
EXTVCC Switch Drop
vs INTVCC Load Current
INPUT VOLTAGE (V)
0
4
5
6
15
25
1735-1 G08
3
2
510
20
30
35
1
0
1mA LOAD
INTVCC LOAD CURRENT (mA)
0
300
400
500
40
1735-1 G09
200
100
0
10
20
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com