Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 10Page - Linear Technology LTM4627_15 Datasheet HTML 11Page - Linear Technology LTM4627_15 Datasheet HTML 12Page - Linear Technology LTM4627_15 Datasheet HTML 13Page - Linear Technology LTM4627_15 Datasheet HTML 14Page - Linear Technology LTM4627_15 Datasheet HTML 15Page - Linear Technology LTM4627_15 Datasheet HTML 16Page - Linear Technology LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM4627
14
4627fc
For more information www.linear.com/LTM4627
APPLICATIONS INFORMATION
Figure 3. Relationship Between Switching
Frequency and Voltage at the fSET Pin
Figure 2. Normalized Input RMS Ripple Current vs Duty Factor for One to Six µModule Regulators (Phases)
0.75 0.8
4627 F02
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY FACTOR (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1 PHASE
2 PHASE
3 PHASE
4 PHASE
6 PHASE
fSET PIN VOLTAGE (V)
0
0.5
1
1.5
2
4627 F03
2.5
0
100
300
400
500
900
800
700
200
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com