Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 14Page - Linear Technology LTM4627_15 Datasheet HTML 15Page - Linear Technology LTM4627_15 Datasheet HTML 16Page - Linear Technology LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTM4627
18
4627fc
For more information www.linear.com/LTM4627
APPLICATIONS INFORMATION
Within the LTM4627, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to different
junctions of components or die are not exactly linear with
respect to total package power loss. To reconcile this
complication without sacrificing modeling simplicity—
but also, not ignoring practical realities—an approach
has been taken using FEA software modeling along with
laboratory testing in a controlled-environment chamber
to reasonably define and correlate the thermal resistance
valuessuppliedinthisdatasheet:(1)Initially,FEAsoftware
is used to accurately build the mechanical geometry of
the LTM4627 and the specified PCB with all of the correct
materialcoefficientsalongwithaccuratepowerlosssource
definitions; (2) this model simulates a software-defined
JEDECenvironmentconsistentwithJESD51-12topredict
power loss heat flow and temperature readings at different
interfaces that enable the calculation of the JEDEC-defined
thermal resistance values; (3) the model and FEA software
is used to evaluate the LTM4627 with heat sink and airflow;
(4) having solved for and analyzed these thermal resis-
tance values and simulated various operating conditions
in the software model, a thorough laboratory evaluation
replicates the simulated conditions with thermocouples
within a controlled-environment chamber while operat-
ing the device at the same power loss as that which was
simulated. An outcome of this process and due diligence
yields the set of derating curves shown in this data sheet.
The 1.2V and 3.3V power loss curves in Figures 7 and 8
can be used in coordination with the load current derating
curves in Figures 9 to 16 for calculating an approximate
θJA thermal resistance for the LTM4627 with various heat
sinking and airflow conditions. The power loss curves
are taken at room temperature, and are increased with
multiplicative factors according to the ambient tempera-
ture. These approximate factors are: 1 for 40°C; 1.05 for
50°C; 1.1 for 60°C; 1.15 for 70°C; 1.2 for 80°C; 1.25 for
90°C; 1.3 for 100°C; 1.35 for 110°C and 1.4 for 120°C.
The derating curves are plotted with the output current
starting at 15A and the ambient temperature at 40°C. The
output voltages are 1.2V, and 3.3V. These are chosen to
include the lower and higher output voltage ranges for
correlating the thermal resistance. Thermal models are
derived from several temperature measurements in a con-
trolled temperature chamber along with thermal modeling
analysis. The junction temperatures are monitored while
ambienttemperatureisincreasedwithandwithoutairflow.
Thepowerlossincreasewithambienttemperaturechange
is factored into the derating curves. The junctions are
maintained at 120°C maximum while lowering output
current or power with increasing ambient temperature.
The decreased output current will decrease the inter-
nal module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus
the ambient operating temperature specifies how much
module temperature rise can be allowed. As an example in
80421 F05
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
At
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 6. Graphical Representation of JESD 51-12 Thermal Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com