Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology LTM4627_15 Datasheet HTML 27Page - Linear Technology LTM4627_15 Datasheet HTML 28Page - Linear Technology LTM4627_15 Datasheet HTML 29Page - Linear Technology LTM4627_15 Datasheet HTML 30Page - Linear Technology LTM4627_15 Datasheet HTML 31Page - Linear Technology LTM4627_15 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
LTM4627
31
4627fc
For more information www.linear.com/LTM4627
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
2/11
Updated the Electrical Characteristics section.
Updated graph G13.
Updated the Inductor value in the Block Diagram and in the Power Module Description section.
Updated the PLL, Frequency Adjustment and Synchronization section.
Updated Figure 3.
3, 4
6
9, 10
13
14
B
10/11
BGA Package added. Changes reflected throughout the data sheet.
1-32
C
02/14
Add SnPb BGA package option
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com