Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4627
22
4627fc
For more information www.linear.com/LTM4627
APPLICATIONS INFORMATION
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
AAVID Thermalloy
375424B00034G
www.aavidthermalloy.com
Cool Innovations
4-050503P to 4-050508P
www.coolinnovations.com
Table 4. Output Voltage Response vs Component Matrix (Refer to Figure 18) 0A to 7.5A Load Step
COUT1 AND COUT2
CERAMIC VENDOR
VALUE
PART NUMBER
COUT1 AND COUT2
BULK VENDOR
VALUE
PART NUMBER
CIN
BULK VENDOR
VALUE
PART NUMBER
TDK
22µF 6.3V
C3216X7SOJ226M
Sanyo POSCAP
1000µF 2.5V 2R5TPD1000M5
Sanyo
56µF 25V
25SVP56M
Murata
22µF 16V
GRM31CR61C226KE15L Sanyo POSCAP
470µF 2.5V
2R5TPD470M5
TDK
100µF 6.3V C4532X5ROJ107MZ
Sanyo POSCAP
470µF 6.3V
6TPD470M
Murata
100µF 6.3V GRM32ER60J107M
Sanyo POSCAP
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)**
COUT1 (CERAMIC) AND
COUT2 (CER AND BULK)
CFF
(pF)
CCOMP
(pF)
VIN
(V)
DROOP
(mV)
PEAK TO
PEAK
DEVIATION
(mV)
RECOVERY
TIME(µs)
LOAD
STEP
(A/µs)
RFB
(kΩ)
FREQ.
(kHz)
1
22µF
× 3
56µF
100µF
× 2, 1000µF
68
150
5,12
50
100
30
7.5
90.9
400
1
22µF
× 3
56µF
100µF
× 2, 470µF × 2
82
150
5,12
50
100
20
7.5
90.9
400
1
22µF
× 3
56µF
100µF
× 4
82
33
5,12
52
108
18
7.5
90.9
400
1.2
22µF
× 3
56µF
100µF
× 2, 1000µF
82
150
5,12
40
80
20
7.5
60.4
400
1.2
22µF
× 3
56µF
100µF, 470µF
82
150
5,12
60
120
20
7.5
60.4
400
1.2
22µF
× 3
56µF
100µF
× 2, 470µF × 2
82
150
5,12
40
80
25
7.5
60.4
400
1.2
22µF
× 3
56µF
100µF
× 4
82
33
5,12
50
114
20
7.5
60.4
400
1.5
22µF
× 3
56µF
100µF
× 2, 1000µF
82
150
5,12
60
120
23
7.5
40.2
400
1.5
22µF
× 3
56µF
100µF, 470µF
82
47
5,12
67
130
20
7.5
40.2
400
1.5
22µF
× 3
56µF
100µF
× 2, 470µF × 2
82
150
5,12
60
120
25
7.5
40.2
400
1.5
22µF
× 3
56µF
100µF
× 3
82
33
5,12
65
130
20
7.5
40.2
400
1.8
22µF
× 3
56µF
100µF
× 2, 1000µF
68
150
5,12
64
130
25
7.5
30.1
400
1.8
22µF
× 3
56µF
100µF, 470µF
82
150
5,12
76
135
22
7.5
30.1
400
1.8
22µF
× 3
56µF
100µF
× 2
82
none
5,12
66
132
20
7.5
30.1
400
2.5
22µF
× 3
56µF
100µF
× 2
82
none
5,12
88
164
30
7.5
19.1
500
2.5
22µF
× 3
56µF
100µF, 470µF
82
150
5,12
100
200
25
7.5
19.1
500
3.3
22µF
× 3
56µF
100µF
× 2
82
none
5,12
100
200
30
7.5
13.3
600
3.3
22µF
× 3
56µF
100µF, 470µF
82
150
5,12
100
200
30
7.5
13.3
600
5
22µF
× 3
56µF
100µF
× 2
68
none
12
125
250
20
7.5
8.25
700
5
22µF
× 3
56µF
470µF
47
150
12
125
250
25
7.5
8.25
700
** Bulk capacitance is optional if VIN has very low input impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com