Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8489 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8489 Datasheet HTML 1Page - Richtek Technology Corporation RT8489 Datasheet HTML 2Page - Richtek Technology Corporation RT8489 Datasheet HTML 3Page - Richtek Technology Corporation RT8489 Datasheet HTML 4Page - Richtek Technology Corporation RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT8489
4
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The internal gate driver circuit is powered from GBIAS pin
around 10V. The GBIAS voltage is generated by an internal
base driver to drive an external NPN emitter follower. The
OSC block generates a programmable frequency which
is set by an external resistor at RSET pin for RT8489
operation. At the beginning of the oscillator cycle, the
GATE turns high. The VOUT regulation unit automatically
detects the lowest sensed LEDx pin feedback voltage
among the 4 LED strings and compares to 0.7V. If the
lowest LEDx pin voltage is lower than 0.7V, the VC pin
(the output of the OP AMP in VOUT regulation unit) is
charged high. The ISENSE pin voltage is the triangular
feedback signal of the sensed switch current (which equals
inductor current ramp).The PWM comparator compares
ISENSE pin voltage to VC pin voltage. When ISENSE pin
voltage exceeds VC pin voltage, the PWM comparator
resets the latch and turns off GATE. If ISENSE pin voltage
exceeds VC pin voltage by the end of the switching cycle,
the GATE will be turned off for minimum off-time. The cycle
repeats when the GATE is turned on at the beginning of
the next switching cycle. By this PWM closed loop control,
the lowest sensed LEDx pin voltage among the 4 LED
strings is regulated to 0.7V.
As the system starts, the cap at the soft-start pin is slowly
charged up by an internal current source around 8
μA. The
slowly rising VC pin voltage allows the PWM duty to
increase gradually to achieve soft-start function.
The dimming can be set by varying ACTL pin analog or
PWM voltage signal. The internal sense threshold for the
4 current sources follows ACTL signal to achieve dimming
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com