Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8489 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation RT8489 Datasheet HTML 10Page - Richtek Technology Corporation RT8489 Datasheet HTML 11Page - Richtek Technology Corporation RT8489 Datasheet HTML 12Page - Richtek Technology Corporation RT8489 Datasheet HTML 13Page - Richtek Technology Corporation RT8489 Datasheet HTML 14Page - Richtek Technology Corporation RT8489 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT8489
11
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 2. Power On Sequence Control by VIN
Figure 3. To Prevent “hard-start”Sequence
Soft-Start
The soft-start of the RT8489 can be achieved by connecting
a capacitor from the SS pin to GND. The built in soft-start
circuit reduces the start-up current spike and output
voltage overshoot. The soft-start time is determined by
the external capacitor charged by an internal 8
μAconstant
charging current. The SS pin directly limits the rate of
voltage rise on the VC pin, which in turn limits the peak
switch current.
The soft-start interval is set by the soft-start capacitor
selection according to the following equation :
SS
SS
3.2V
t
= C
(s)
8A
μ
×
A typical value for the soft-start capacitor is 0.1
μF. The
soft-start pin reduces the oscillator frequency and the
maximum current in the switch. The soft-start capacitor
is discharged when EN/UVLO falls below its threshold,
during an over-temperature event, or during a GBIAS under
voltage event.
GBIAS Regulator Operation
The GBIAS pin requires a capacitor for stable operation
and also to store the charge for the large GATE switching
currents. Choose a 10V rated low ESR, X7R or X5R
ceramic capacitor for best performance. The value of the
EN and/or VIN should be pulled low
once PWM pull low for over 10 ms
PWM
EN/VIN
10ms
VIN must be turned on later than
EN and PWM signal
VIN must be turned off earlier than
EN and PWM signal
Power On sequence
EN
VIN
PWM
Power Off sequence
UVLO
VOUT
Soft-Start
No Soft-Start
Abnormal Power-on sequence
If PWM turns on late



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com