Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8489 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation RT8489 Datasheet HTML 10Page - Richtek Technology Corporation RT8489 Datasheet HTML 11Page - Richtek Technology Corporation RT8489 Datasheet HTML 12Page - Richtek Technology Corporation RT8489 Datasheet HTML 13Page - Richtek Technology Corporation RT8489 Datasheet HTML 14Page - Richtek Technology Corporation RT8489 Datasheet HTML 15Page - Richtek Technology Corporation RT8489 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RT8489
12
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
capacitor is determined primarily by the stability of the
regulator rather than the gate charge of the switching
N-MOSFET. A 1
μF capacitor will be adequate for most
applications.
Place the capacitor close to the IC to minimize the trace
length to the GBIAS pin and also to the IC ground. An
internal current limit on the GBIAS protects the RT8489
from excessive on chip power dissipation.
If the input voltage, VIN, does not exceed 10V, then the
GBIAS pin should be connected to the input supply. Be
aware that a typical 20mA current will load the GBIAS to
shutdown.
Loop Compensation
The RT8489 uses an internal error amplifier, in which
through its compensation pin (VC) the loop response is
optimized for specific applications. The external inductor,
output capacitor, compensation resistor, and
compensation capacitor determine the loop stability. The
inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor at VC are selected to optimize control loop
response and stability.
The compensation resistor and capacitor are connected
in series from the VC pin to GND to provide a pole and a
zero for proper loop compensation. The typical
compensation values for RT8489 is 1.8k
Ω and 3.3nF.
LED Current Setting
The maximum current of channel 1 to 4 is set by placing
an appropriate sense resistor for LED string. When the
voltage of ACTL is higher than 1.4V, the LED current can
be calculated by the following equation :
LED, MAX
Sx
225mV
I
=
(mA)
R
where, RSx is the resistor between external regulating
N-MOSFET and GND.
The ACTL pin should be tied to a voltage higher than 1.4V
to get the full scale 225mV (typical) threshold across the
sense resistor. The ACTL pin can also be used to dim the
LED current to zero, although relative accuracy decreases
with the decreasing voltage sense threshold. When the
ACTL pin voltage is less than 1.4V, the LED current is :
ACTL
LED
Sx
(V
0.4) 225mV
I
=
(mA)
R
−×
The ACTL pin can also be used in conjunction with a
thermistor to provide over temperature protection for the
LED load, or with a resistive voltage divider to VIN to reduce
output power and switching current when VIN is low.
Brightness Control
For LED applications where a wide dimming range is
required, two methods are available: analog dimming and
PWM dimming. The easier method is to simply vary the
DC current through the LED by analog dimming.
However, PWM dimming which switches the LED on and
off via different duty cycle to control the average LED
current is the better dimming method. The PWM dimming
offers several advantages over analog dimming and is more
preferred by LED manufacturers. One advantage is the
chromaticity of the LEDs which remains unchanged since
the LEDcurrent is either zero or at the programmed current.
Another advantage of PWM dimming is that a wider
dimming range is available.
The RT8489 features both analog and digital dimming
control. Analog dimming is linearly controlled by an
external voltage (0.4V to 1.4V) at the ACTL pin. A very
high contrast ratio is true digital PWM dimming which
can be achieved by driving the ACTL pin with a PWM signal
at a recommended PWM frequency of 100Hz to 10kHz.
The PWM dimming frequency can be sufficiently adjusted
from 100Hz to 30kHz. However, LED current cannot be
100% proportional to the duty cycle, especially for high
frequency and low duty ratio, because of physical
limitation caused by internal switching frequency. Referring
to Figure 4, the minimum dimming duty can be as low as
1% for the frequency range from 100Hz to 300Hz. For the
dimming frequency from 300Hz to 1kHz, the minimum
dimming duty is about 5%. If the frequency is increased
from 1kHz to 30kHz, the minimum dimming duty will be
about 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com