Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8489 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation RT8489 Datasheet HTML 10Page - Richtek Technology Corporation RT8489 Datasheet HTML 11Page - Richtek Technology Corporation RT8489 Datasheet HTML 12Page - Richtek Technology Corporation RT8489 Datasheet HTML 13Page - Richtek Technology Corporation RT8489 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT8489
10
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT8489 is a 4-CH programmable current source
controller for LED backlight or lighting application.
By detecting the minimum voltage required to drive each
LED string and setting the Boost output accordingly, this
topology reduces power dissipation and increases overall
efficiency of the LED lighting system.
The individual current source channel regulates the current
flow to give accurate current sinking for each LED string.
The external N-MOSFET current source will accommodate
the power dissipation difference among channels resulting
from the forward voltage difference between the LED
strings.
Both digital PWM dimming signal and analog voltage
signal are used to control the LED current of each channel.
With high speed current source N-MOSFET drivers, the
RT8489 features highly accurate current matching of
±3
percent, while providing very fast turn-on and turn-off times.
This allows a very narrow minimum on or off pulse, which
increases dimming range and provides higher linearity.
The RT8489 integrates adjustable switching frequency and
soft-start, and provides over temperature, over voltage and
current limit protection features.
Input UVLO
The input operating voltage range of the RT8489 is 7V to
28V. An input capacitor at the VCC pin can reduce ripple
voltage. It is recommended to use a ceramic 10
μF or larger
capacitor as the input capacitor. This IC provides an Under
Voltage Lockout (UVLO) function to enhance the stability
when start-up. The UVLO rising input voltage threshold is
set at 5.5V typically with a 0.7V hysteresis.
Power Sequence
Refer to below Figure 1 and 2. The recommended power
on sequence states that the PWM signal should be ready
before EN and/or VIN is ready. Otherwise, the soft-start
function will be disabled. As for power off sequence, EN/
VIN must be pulled low within 10ms to prevent “hard-
start”as shown as Figure 3.
Figure 1. Power On Sequence Control by EN
EN must be turned on later than VIN
and PWM signal
EN must be turned off earlier than
VIN and PWM signal
Power On sequence
EN
VIN
PWM
Power Off sequence
UVLO
VOUT
Soft-Start
No Soft-Start
Abnormal Power-on sequence
If PWM turns on late



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com