Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF136 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics MRF136 Datasheet HTML 10Page - Tyco Electronics MRF136 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
2.0
0.988
–11
41.19
173
0.006
67
0.729
–12
5.0
0.970
–27
40.07
164
0.014
62
0.720
–31
10
0.923
–52
35.94
149
0.026
54
0.714
–58
20
0.837
–88
27.23
129
0.040
36
0.690
–96
30
0.784
– 111
20.75
117
0.046
27
0.684
–118
40
0.751
– 125
16.49
108
0.048
22
0.680
– 131
50
0.733
– 135
13.41
103
0.050
19
0.679
– 139
60
0.720
–142
11.43
99
0.050
16
0.678
– 145
70
0.709
– 147
9.871
96
0.050
14
0.679
– 149
80
0.707
– 152
8.663
93
0.051
13
0.683
– 153
90
0.706
– 155
7.784
91
0.051
13
0.682
– 155
100
0.708
– 157
7.008
88
0.051
13
0.680
– 157
110
0.711
– 159
6.435
86
0.051
14
0.681
– 158
120
0.714
– 161
5.899
85
0.051
15
0.682
– 159
130
0.717
– 163
5.439
82
0.052
16
0.684
– 160
140
0.720
– 164
5.068
80
0.052
17
0.684
– 161
150
0.723
– 165
4.709
80
0.052
18
0.686
– 161
160
0.727
– 166
4.455
78
0.052
18
0.690
– 161
170
0.732
– 167
4.200
77
0.052
18
0.694
– 162
180
0.735
– 168
3.967
75
0.052
19
0.699
– 162
190
0.738
– 169
3.756
74
0.052
19
0.703
– 163
200
0.740
– 170
3.545
73
0.052
20
0.706
– 163
225
0.746
– 171
3.140
69
0.053
22
0.717
– 163
250
0.742
– 172
2.783
67
0.053
25
0.724
– 163
275
0.744
– 173
2.540
64
0.054
27
0.724
– 163
300
0.751
– 174
2.323
60
0.055
29
0.736
– 163
325
0.757
– 175
2.140
58
0.058
32
0.749
– 163
350
0.760
– 176
1.963
54
0.059
35
0.758
– 163
375
0.762
– 177
1.838
52
0.062
38
0.768
– 163
400
0.774
– 179
1.696
50
0.065
41
0.783
– 163
425
0.775
– 179
1.590
48
0.068
43
0.793
– 163
450
0.781
+ 179
1.493
46
0.071
46
0.805
– 163
475
0.787
+ 177
1.415
43
0.074
47
0.813
– 164
500
0.792
+ 176
1.332
40
0.079
48
0.825
– 164
525
0.797
+ 175
1.259
38
0.083
50
0.831
– 164
550
0.801
+ 175
1.185
37
0.088
51
0.843
– 164
575
0.810
+ 174
1.145
36
0.094
52
0.855
– 164
600
0.816
+ 173
1.091
34
0.101
52
0.869
– 165
625
0.818
+ 171
1.041
32
0.106
53
0.871
– 165
650
0.825
+ 170
0.994
30
0.112
53
0.884
– 165
675
0.834
+ 169
0.962
29
0.119
53
0.890
– 165
700
0.837
+ 168
0.922
27
0.127
53
0.906
– 166
725
0.836
+ 167
0.879
25
0.133
52
0.909
– 167
750
0.841
+ 166
0.838
25
0.140
53
0.917
– 167
775
0.844
+ 165
0.824
24
0.148
52
0.933
– 167
800
0.846
+ 163
0.785
21
0.154
50
0.941
– 168
Table 1. Common Source Scattering Parameters
VDS = 28 V, ID = 0.5 A
8
REV 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com