Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF136 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF136 Datasheet HTML 1Page - Tyco Electronics MRF136 Datasheet HTML 2Page - Tyco Electronics MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TYPICAL CHARACTERISTICS
VGS, GATE–SOURCE VOLTAGE (VOLTS)
Figure 8. Output Power versus Supply Voltage
Figure 9. Output Power versus Gate Voltage
Figure 10. Drain Current versus Gate Voltage
(Transfer Characteristics)
Figure 11. Gate–Source Voltage versus
Case Temperature
Figure 12. Capacitance versus Drain–Source Voltage
Figure 13. DC Safe Operating Area
12
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
14
18
22
26
2 W
IDQ = 25 mA
f = 400 MHz
Pin = 3 W
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
20
18
16
14
12
10
8
6
4
2
0
016
20
24
28
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
– 25
25
75
125
175
TC, CASE TEMPERATURE (°C)
0
50
100
150
0.94
–7
16
14
12
10
8
6
4
2
0
48
12
1.04
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
04
5
6
7
VDS, GATE–SOURCE VOLTAGE (VOLTS)
12
3
0
100
180
60
40
20
–6
–5
–4
–3
–2
–1
0
1
2
3
1 W
VDS = 28 V
ID = 750 mA
25 mA
500 mA
250 mA
130
20
50
100
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
23
5
0.1
10
70
10
5
3
2
1
0.3
0.2
VDS = 10 V
TYPICAL DEVICE
SHOWN, VGS(th) = 3 V
VDD = 28 V
IDQ = 25 mA
Pin = CONSTANT
TYPICAL DEVICE
SHOWN, VGS(th) = 3 V
VGS = 0 V
f = 1 MHz
Coss
Ciss
Crss
TC = 25°C
400 MHz
400 MHz
150 MHz
5
REV 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com