Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF136 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF136 Datasheet HTML 1Page - Tyco Electronics MRF136 Datasheet HTML 2Page - Tyco Electronics MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The RF MOSFET Line
RF Power
Field-Effect Transistors
N-Channel Enhancement-Mode MOSFET
Designed for wideband large–signal amplifier and oscillator applications up to
400 MHz range, in single ended configuration.
• Guaranteed 28 Volt, 150 MHz Performance
Output Power = 15 Watts
Narrowband Gain = 16 dB (Typ)
Efficiency = 60% (Typical)
• Small–Signal and Large–Signal
Characterization
• 100% Tested For Load
Mismatch At All Phase
Angles With 30:1 VSWR
• Excellent Thermal Stability,
Ideally Suited For Class A
Operation
• Facilitates Manual Gain
Control, ALC and
Modulation Techniques
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
2.5
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
55
0.314
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
3.2
°C/W
NOTE – CAUTION – MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF136
15 W, to 400 MHz
N–CHANNEL
MOS BROADBAND
RF POWER FET
CASE 211–07, STYLE 2
D
G
S
Order this document
by MRF136/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 7


Similar Part No. - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136 NJSEMI-MRF136 Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
More results

Similar Description - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
MRF5015 MOTOROLA-MRF5015 Datasheet
154Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com