Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF136 Datasheet(PDF) 9 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics MRF136 Datasheet HTML 10Page - Tyco Electronics MRF136 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
S11
+90
°
+120
°
+150
°
0
°
–150
°
–120
°
–60
°
–30
°
+30
°
+60
°
S12
70
10
25
50
100 150 250
500
+j50
+j100
+j150
+j250
+j500
– j500
– j250
– j150
– j100
– j50
– j25
– j10
0
+j10
+j25
400
70
S22
150
Figure 19. S11, Input Reflection Coefficient
versus Frequency
VDS = 28 V ID = 0.5 A
Figure 20. S12, Reverse Transmission Coefficient
versus Frequency
VDS = 28 V ID = 0.5 A
Figure 21. S21, Forward Transmission Coefficient
versus Frequency
VDS = 28 V ID = 0.5 A
Figure 22. S22, Output Reflection Coefficient
versus Frequency
VDS = 28 V ID = 0.5 A
10
25
50
100 150
250
500
+j50
+j100
+j150
+j250
+j500
– j500
– j250
– j150
– j100
– j50
– j25
– j10
0
+j10
+j25
+90
°
+120
°
+150
°
180
°
0
°
–150
°
–120
°
–90
°
–60
°
–30
°
+30
°
+60
°
f = 800 MHz
8
4
2
6
400
100
150
70
–90
°
0.16
0.12
0.08
0.04
0.06
600
0.02
0.18
180
°
0.14
0.10
400
f = 800 MHz
400
150
70
S21
f = 800 MHz
f = 800 MHz
9
REV 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com