Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166C Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 1 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The RF MOSFET Line
RF Power
Field Effect Transistors
N–Channel Enhancement Mode MOSFETs
Designed primarily for wideband large–signal output and driver from 30 – 500
MHz.
• MRF166C — Guaranteed Performance at 500 MHz, 28 Vdc
Output Power = 20 W
Gain = 13.5 dB
Efficiency = 50%
• Replacement for Industry Standards such as MRF136, DV2820, BLF244,
SD1902, and ST1001
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• Excellent Thermal Stability, Ideally Suited for Class A Operation
• Low Crss — 4.0 pF @ VDS = 28 V
• Circuit board photomaster available upon request by
contacting RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Gate Voltage
VDSS
65
Vdc
Drain–Gate Voltage
(RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
±20
Adc
Drain Current — Continuous
ID
4.0
Adc
Total Device Dissipation @ TC = 25°C
Derate Above 25
°C
PD
70
0.4
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to 150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.5
°C/W
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF166C
20 W, 500 MHz
MOSFET
BROADBAND
RF POWER FETs
CASE 319–07, STYLE 3
D
G
S
Order this document
by MRF166C/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 10


Similar Part No. - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
154Kb / 8P
MOSFET BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C_15 Datasheet
560Kb / 11P
The RF MOSFET Line
More results

Similar Description - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF166 MOTOROLA-MRF166 Datasheet
154Kb / 8P
MOSFET BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com