Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166C Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 6 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Table 1. Common Source S–Parameters (VDS = 12.5 V, ID = 1.25 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.840
–142
22.59
105
0.025
20
0.727
–155
40
0.836
–151
17.4
100
0.025
17
0.743
–161
50
0.832
–156
14.1
97
0.026
15
0.751
–164
60
0.829
–159
12.0
94
0.026
14
0.764
–166
70
0.826
–162
10.4
91
0.026
14
0.763
–168
80
0.822
–164
9.09
90
0.026
14
0.763
–169
90
0.818
–165
8.07
89
0.027
14
0.765
–170
100
0.819
–167
7.28
87
0.027
14
0.774
–171
110
0.821
–168
6.61
85
0.027
14
0.773
–172
120
0.821
–169
6.00
83
0.026
15
0.771
–172
130
0.820
–169
5.56
83
0.027
16
0.778
–172
140
0.818
–170
5.22
82
0.027
17
0.785
–172
150
0.820
–170
4.86
80
0.027
17
0.786
–173
160
0.821
–171
4.52
79
0.027
17
0.781
–173
170
0.820
–171
4.23
79
0.027
20
0.774
–172
180
0.820
–171
4.03
78
0.027
20
0.799
–173
190
0.820
–172
3.86
76
0.027
20
0.799
–174
200
0.821
–172
3.62
75
0.027
20
0.784
–175
210
0.822
–173
3.39
75
0.027
22
0.780
–174
220
0.823
–173
3.25
74
0.027
24
0.795
–173
230
0.825
–173
3.12
72
0.028
23
0.823
–175
240
0.827
–173
2.96
71
0.026
24
0.791
–175
250
0.827
–174
2.83
70
0.027
26
0.789
–174
260
0.827
–174
2.71
70
0.026
27
0.791
–174
270
0.829
–174
2.62
69
0.027
28
0.801
–174
280
0.831
–174
2.52
68
0.027
29
0.807
–175
290
0.832
–174
2.42
66
0.027
30
0.788
–175
300
0.832
–174
2.32
66
0.027
32
0.792
–175
310
0.831
–174
2.25
66
0.027
33
0.797
–174
320
0.833
–175
2.18
65
0.027
34
0.810
–174
330
0.836
–175
2.10
63
0.028
35
0.812
–175
340
0.837
–175
2.00
62
0.027
35
0.789
–176
350
0.838
–175
1.95
62
0.028
39
0.806
–173
360
0.839
–175
1.90
61
0.028
39
0.817
–174
370
0.840
–176
1.84
60
0.028
40
0.817
–175
380
0.843
–176
1.77
59
0.028
41
0.811
–175
390
0.845
–176
1.71
59
0.028
42
0.805
–175
400
0.846
–176
1.66
58
0.029
46
0.801
–172
410
0.846
–176
1.64
57
0.030
46
0.845
–174
420
0.847
–176
1.59
56
0.030
46
0.836
–176
430
0.848
–176
1.52
56
0.030
47
0.823
–176
440
0.850
–176
1.48
56
0.030
49
0.816
–174
6
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com