Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166C Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 7 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Table 1. Common Source S–Parameters (VDS = 12.5 V, ID = 1.25 A) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
450
0.851
–176
1.47
54
0.032
51
0.851
–174
460
0.853
–177
1.42
53
0.032
48
0.849
–178
470
0.853
–177
1.37
53
0.031
51
0.830
–176
480
0.856
–177
1.34
53
0.032
53
0.834
–176
490
0.857
–177
1.32
52
0.033
54
0.841
–175
500
0.859
–177
1.28
51
0.034
54
0.847
–175
600
0.857
178
0.988
41
0.032
73
0.877
180
700
0.884
176
0.789
34
0.047
65
0.881
179
800
0.881
173
0.684
30
0.031
83
0.890
174
900
0.890
172
0.580
26
0.069
71
0.885
176
1000
0.897
170
0.503
24
0.090
60
0.931
173
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 1.25 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.842
–125
29.6
113
0.024
28
0.586
–136
40
0.831
–136
23.2
106
0.025
22
0.607
–145
50
0.822
–143
19.0
101
0.026
19
0.613
–151
60
0.816
–148
16.2
98
0.026
17
0.626
–155
70
0.812
–152
14.1
95
0.027
16
0.635
–157
80
0.806
–155
12.4
92
0.026
15
0.643
–159
90
0.801
–157
11.1
90
0.027
14
0.650
–160
100
0.802
–159
9.97
88
0.027
13
0.656
–161
110
0.805
–161
9.04
86
0.027
13
0.654
–163
120
0.805
–162
8.22
84
0.026
13
0.654
–163
130
0.803
–163
7.59
83
0.026
14
0.663
–163
140
0.801
–164
7.09
82
0.026
14
0.673
–164
150
0.803
–165
6.61
80
0.026
14
0.675
–164
160
0.804
–165
6.16
79
0.026
14
0.674
–164
170
0.803
–166
5.77
78
0.026
16
0.672
–164
180
0.804
–166
5.49
77
0.026
17
0.697
–164
190
0.806
–166
5.25
75
0.026
16
0.700
–165
200
0.806
–167
4.92
73
0.025
16
0.688
–166
210
0.807
–168
4.60
73
0.025
17
0.680
–165
220
0.809
–168
4.40
72
0.025
19
0.689
–165
230
0.812
–168
4.21
70
0.025
19
0.713
–167
240
0.814
–169
3.99
69
0.024
20
0.701
–167
250
0.815
–169
3.83
68
0.024
21
0.707
–166
260
0.816
–169
3.66
67
0.024
22
0.711
–166
270
0.818
–169
3.52
66
0.024
23
0.715
–166
280
0.821
–169
3.39
65
0.025
24
0.718
–167
290
0.822
–170
3.25
63
0.024
26
0.708
–168
300
0.823
–170
3.11
62
0.023
28
0.715
–167
7
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com