Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-488 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-488
Description  2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-488 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-488 Datasheet HTML 1Page - Tyco Electronics SW-488 Datasheet HTML 2Page - Tyco Electronics SW-488 Datasheet HTML 3Page - Tyco Electronics SW-488 Datasheet HTML 4Page - Tyco Electronics SW-488 Datasheet HTML 5Page - Tyco Electronics SW-488 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRELIMINARY INFORMATION
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch
SW-488
VER 1.
0.5 – 2.0 GHz
Rev 1.2
The Prelim inary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
1
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Features
• GSM Power Handling with +2.0 V Control
Voltage
• Low Power Consumption. Less than 1µA
current in Receive mode.
• Integrated Decoder.
• Leadless 4 x 4mm FQFP-N, 20 Pin Package.
• Low Insertion Loss, 0.3 dB in GSM Transmit
mode.
Description
The M/A-COM SW-488 is a GaAs monolithic
switch in a low cost, FQFP-N, surface mount plastic
package.
The
SW-488
is
ideally
suited
for
applications where very low power consumption,
high power handling, and low cost are required. The
SW-488 includes an integrated decoder. The switch
offers GSM power handling with below +2.5V
control voltage. The supply voltage VDD should be
connected to the highest available voltage.
The SW-488 is fabricated using a new 0.5-micron
gate length GaAs pHEMT process.
The process
features
full
chip
passivation
for
increased
performance and reliability. This switch is designed
for
Dual
Mode
WCDMA/GSM/DCS
handsets
where the phone needs to be able to simultaneously
receive a WCDMA and GSM signal.
Functional Schematic
Ordering Information
Part Number
Description
SW-488TR
SW-488 on 1000 Piece Tape and Reel
SW-488TR-3000
SW-488 on 3000 Piece Tape and Reel
SW-488SMB
SW-488 Sample Test Board
* If specific reel size is required, consult factory for part number
assignment
ANT2
GND
GRX
GND
GTX
DRX
DRXS
GND
DTX
GND
Decoder


Similar Part No. - SW-488

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485SMB MACOM-SW-485SMB Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485SMB MA-COM-SW-485SMB Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485TR-3000 MACOM-SW-485TR-3000 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
More results

Similar Description - SW-488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
MASWSS0049 MACOM-MASWSS0049 Datasheet
58Kb / 6P
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
logo
Sony Corporation
CXG1190AEQ SONY-CXG1190AEQ Datasheet
326Kb / 9P
GSM/ UMT DUAL MODE SWITCH
logo
American Accurate Compo...
JXMBHL-T-2-G AAC-JXMBHL-T-2-G Datasheet
226Kb / 1P
GSM/DCS Dual-band Combiner
logo
List of Unclassifed Man...
GSA8821 ETC2-GSA8821 Datasheet
640Kb / 8P
I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com