Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-488 Datasheet(PDF) 5 Page - Tyco Electronics

Part # SW-488
Description  2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-488 Datasheet(HTML) 5 Page - Tyco Electronics

  SW-488 Datasheet HTML 1Page - Tyco Electronics SW-488 Datasheet HTML 2Page - Tyco Electronics SW-488 Datasheet HTML 3Page - Tyco Electronics SW-488 Datasheet HTML 4Page - Tyco Electronics SW-488 Datasheet HTML 5Page - Tyco Electronics SW-488 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual-Band GSM/DCS Tx/Rx Switch
SW-488
V1.2
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
5
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
SW-488 Harmonics at the DCS TX Port versus Pin
Vdd=2.5V; Vcontrol=2.5V
-70
-60
-50
-40
-30
-20
-10
0
26
27
28
29
30
31
32
33
Pin(dBm)
DCS 2H
DCS 3H
SW-488 Harmonics at the GSM TX Port versus Pin
Vdd=2.5V; Vcontrol=2.5V
-70
-60
-50
-40
-30
-20
-10
0
28
29
30
31
32
33
34
35
Pin (dBm)
GSM 2H
GSM 3H
SW-488 Harmonics at the WCDMA Port versus Pin
Vdd=2.5V; Vcontrol=2.5V
-70
-60
-50
-40
-30
-20
-10
0
24
25
26
27
28
29
30
Pin(dBm)
WCDMA 2H
WCDMA 3H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com