Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-488 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-488
Description  2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-488 Datasheet(HTML) 4 Page - Tyco Electronics

  SW-488 Datasheet HTML 1Page - Tyco Electronics SW-488 Datasheet HTML 2Page - Tyco Electronics SW-488 Datasheet HTML 3Page - Tyco Electronics SW-488 Datasheet HTML 4Page - Tyco Electronics SW-488 Datasheet HTML 5Page - Tyco Electronics SW-488 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual-Band GSM/DCS Tx/Rx Switch
SW-488
V1.2
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
4
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Sample Board Schematic
External Circuitry Parts List (Note: Values of external elements not final)
Ref. Designation
Value
Purpose
C1
22 pF
DC Block
C2
22 pF
DC Block
C3
22 pF
DC Block
C4
22 pF
DC Block
C5
4.7 pF
RF Shunt
C6
22 pF
DC Block
C7
22 pF
DC Block
C8
22 pF
DC Block
WCDMA
ANT1
C7
C8
VDD
BS
TXS PRXON
DRX
DTX
C4
C5
C6
ANT2
GRX
GTX
C1
C2
C3
Decoder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com