Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-488 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-488
Description  2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-488 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-488 Datasheet HTML 1Page - Tyco Electronics SW-488 Datasheet HTML 2Page - Tyco Electronics SW-488 Datasheet HTML 3Page - Tyco Electronics SW-488 Datasheet HTML 4Page - Tyco Electronics SW-488 Datasheet HTML 5Page - Tyco Electronics SW-488 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual-Band GSM/DCS Tx/Rx Switch
SW-488
V1.2
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
2
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
ELECTRICAL CHARACTERISTICS: Test Conditions: VDD = 2.5V, Vctrl =2.0V, TA = +25°C
Mode
Specifications
Freq. (MHz)
Units
Min.
Typ.
Max.
ANT2 -> GSM RX
ANT1 -> UMTS Tx
ANT1 -> UMTS Rx
Insertion Loss
Insertion Loss
Insertion Loss
925 -960
1920-1980
2110-2170
dB
dB
dB
0.54
0.65
0.7
0.6
0.7
0.75
0.7
0.9
0.95
Isolation ANT1 to DCS Tx
Isolation ANT2 to GSM Tx
Isolation UMTS to DCS Rx
Isolation UMTS to GSM Rx
Isolation UMTS to GSM Tx
Isolation DCS Tx to DCS Rx
Isolation DCS Tx to GSM Rx
Isolation GSM Tx to DCS Rx
Isolation GSM Tx to GSM Rx
1710-1785
880 – 915
1920 –1980
1920 –1980
1920 –1980
1710 – 1785
1710 – 1785
880 – 915
880 - 915
dB
dB
dB
dB
dB
dB
dB
dB
dB
22
15
30
30
30
30
30
30
15
22
15
30
30
30
30
30
30
15
22
15
30
30
30
30
30
30
15
ANT1 -> DCS RX
Insertion Loss
1805 -1880
dB
0.74
0.8
0.9
Isolation ANT1 to DCS Tx
Isolation ANT2 to GSM Tx
Isolation DCS Tx to DCS Rx
Isolation DCS Tx to GSM Rx
Isolation GSM Tx to DCS Rx
Isolation GSM Tx to GSM Rx
1710 – 1785
880 – 915
1710 – 1785
1710 – 1785
880 – 915
880 - 915
dB
dB
dB
dB
dB
dB
20
10
20
30
30
30
20
10
20
30
30
30
20
10
20
30
30
30
ANT2 -> GSM TX
Insertion Loss
880 – 915
dB
0.24
0.3
0.4
Isolation GSM Tx to UMTS
Isolation GSM Tx to DCS Rx
Isolation GSM Tx to GSM Rx
Isolation DCS Tx to DCS Rx
Isolation DCS Tx to GSM Rx
880 – 915
880 – 915
880 – 915
1710 – 1785
1710 – 1785
dB
dB
dB
dB
dB
30
30
25
30
30
30
30
25
30
30
30
30
25
30
30
ANT1 -> DCS TX
Insertion Loss
1710 –1785
dB
0.54
0.6
0.7
Isolation DCS Tx to UMTS
Isolation DCS Tx to DCS Rx
Isolation DCS Tx to GSM Rx
Isolation GSM Tx to DCS Rx
Isolation GSM Tx to GSM Rx
1710 –1785
1710 –1785
1710 –1785
880 – 915
880 – 915
dB
dB
dB
dB
dB
20
30
30
30
30
20
30
30
30
30
20
30
30
30
30
2nd Harmonics
See attached data
dBc
-84
-80
-70
3rd Harmonics
See attached data
dBc
-79
-76
-65
Supply Voltage
Volts
2.0
2.5
4.0
High Control Voltages
Volts
2.0
2.5
4.0
Low Control Voltages
Volts
-0.2
0
0.2
1.
DC blocking capacitors are required on all RF and shunt ports.
2.
All impedances are 50 ohms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com