Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # HT
Description  High temperature 105 C and high reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HT Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  HT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 7a
HT Series
(High Operating Temperature) MERITEK
Aluminum Electrolytic Capacitors
TAPING SPECIFICATION
Lead taping is designed for automatic insertion equipment.
Capacitors with case size of 18mm x 35.5mm or smaller are available in taping type.
DIMENSIONS (Ø4~ Ø10)
Item
Symbol
Case Size
Tolerance
Remark
4 x 5
5 x 5 6.3x5 8 x 5
4 x 7
5 x 7 6.3x7 8 x 7 5 x 11 6.3x11 8 x 11.5 10x12.5 10x16 10x18 10x20
Lead wire diameter
d
0.45
0.5
0.6
±0.05
Body height
A
6.0
8.0
12.5
13
14
17.5
19.5 21.5
MAX
Intervals of bodies
P
12.7
±1.0
Intervals of punched
holes
P0
12.7
±0.2
Distance between
holes and lead wire
P1
3.85
±0.7
Fig 1.
Fig 4.
5.35 5.1 5.1
5.35 5.1 5.1
5.1
Fig 2.
5.6
5.35 5.1 5.1
5.6
5.35 5.1 4.6 5.35 5.1
4.6
Fig 3.
Distance between
holes and bodies
P2
6.35
±1.0
Distance between
lead and lead
F
5.0
+0.8
-0.2
Fig 1.
Fig 4.
2.0 2.5 2.5
2.0 2.5 2.5
2.5
Fig 2.
F1:5.0
+0.5
-1.0
1.5
2.0 2.5 2.5 1.5
2.0 2.5 3.5 2.0 2.5 3.5
Fig 3.
F1:5.0
+0.5
-1.0
Base tape width
W
18.0
±0.5
Adhesive tape width
W0
12.5
MIN
Deviation between
holes and base tape
W1
9.0
±0.5
Deviation between
adhesive and base
tape
W2
1.5
MAX
Distance between
body bottom and tape
center
H
17.5
18.5
20.0
18.5
±0.5
Fig 1.
Fig 4.
17.5
18.5
18.5
Fig 2.
Fig 3.
Lead wire clinched
height
H0
16.0
±0.5
Distance between
body top and tape
center
H1
24.5
27.5
32.5
33.0 36.0 38.0 41.0
MAX
Punched hole
diameter
D0
4.0
±0.3
Length of not good
lead slit
L
11.0
MAX
Base and adhesive
tape thickness
t
0.6
±0.3
Deviation of body
alignment
∆h
0
±2.0
Deviation of body
alignment
∆h1
0
±1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com